Electronic Components Datasheet Search
  English  ▼

X  

V53C16258HT40 Datasheet(PDF) 4 Page - Mosel Vitelic, Corp

Part # V53C16258HT40
Description  HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V53C16258HT40 Datasheet(HTML) 4 Page - Mosel Vitelic, Corp

  V53C16258HT40 Datasheet HTML 1Page - Mosel Vitelic, Corp V53C16258HT40 Datasheet HTML 2Page - Mosel Vitelic, Corp V53C16258HT40 Datasheet HTML 3Page - Mosel Vitelic, Corp V53C16258HT40 Datasheet HTML 4Page - Mosel Vitelic, Corp V53C16258HT40 Datasheet HTML 5Page - Mosel Vitelic, Corp V53C16258HT40 Datasheet HTML 6Page - Mosel Vitelic, Corp V53C16258HT40 Datasheet HTML 7Page - Mosel Vitelic, Corp V53C16258HT40 Datasheet HTML 8Page - Mosel Vitelic, Corp V53C16258HT40 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
V53C16258H Rev. 3.8 November 1999
MOSEL VITELIC
V53C16258H
DC and Operating Characteristics (1-2)
TA = 0°C to 70°C, VCC = 5 V ± 10%, VSS = 0 V, unless otherwise specified.
Symbol
Parameter
Access
Time
V53C16258H
Unit
Test Conditions
Notes
Min.
Typ.
Max.
ILI
Input Leakage Current
(any input pin)
–10
10
µA
VSS ≤ VIN ≤ VCC
ILO
Output Leakage Current
(for High-Z State)
–10
10
µA
VSS≤ VOUT ≤ VCC
RAS, CAS at VIH
ICC1
VCC Supply Current,
Operating
25
260
mA
tRC = tRC (min.)
1, 2
30
200
35
190
40
180
45
100
50
90
ICC2
VCC Supply Current,
TTL Standby
2
mA
RAS, CAS at VIH
other inputs
≥ V
SS
ICC3
VCC Supply Current,
RAS-Only Refresh
25
260
mA
tRC = tRC (min.)
2
30
200
35
190
40
180
45
100
50
90
ICC4
VCC Supply Current,
EDO Page Mode Operation
25
200
mA
Minimum Cycle
1, 2
30
140
35
130
40
120
45
90
50
80
ICC5
VCC Supply Current,
Standby, Output Enabled
other inputs
≥ V
SS
2
mA
RAS = VIH, CAS = VIL
1
ICC6
VCC Supply Current,
CMOS Standby
1
mA
RAS
≥ V
CC – 0.2 V,
CAS
≥ V
CC– 0.2 V,
All other inputs
≥ V
SS
ICC7
Self Refresh Current
400
µA
CBR Cycle with tRAS ≥ tRASS
(Min.) and CAS = VIL;
WE = VCC–0.2V; A0–A8 and
DIN = VCC–0.2V
VCC
Supply Voltage
4.5
5.0
5.5
V
VIL
Input Low Voltage
–1
0.8
V
3
VIH
Input High Voltage
2.4
VCC + 1
V
3
VOL
Output Low Voltage
0.4
V
IOL = 2 mA
VOH
Output High Voltage
2.4
V
IOH = –2 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com