Electronic Components Datasheet Search
  English  ▼

X  

MIC44F20 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC44F20
Description  6A High Speed MOSFET Drivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC44F20 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC44F20 Datasheet HTML 1Page - Micrel Semiconductor MIC44F20 Datasheet HTML 2Page - Micrel Semiconductor MIC44F20 Datasheet HTML 3Page - Micrel Semiconductor MIC44F20 Datasheet HTML 4Page - Micrel Semiconductor MIC44F20 Datasheet HTML 5Page - Micrel Semiconductor MIC44F20 Datasheet HTML 6Page - Micrel Semiconductor MIC44F20 Datasheet HTML 7Page - Micrel Semiconductor MIC44F20 Datasheet HTML 8Page - Micrel Semiconductor MIC44F20 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MIC44F18/19/20
6A High Speed MOSFET Drivers
MLF and MicroLeadFrame are registered trademarks of Amkor Technologies, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
January 2007
M9999-011207
General Description
The MIC44F18, MIC44F19 and MIC44F20 are high-
speed single MOSFET drivers capable of sinking and
sourcing 6A for driving capacitive loads. With delay
times of less than 15ns and rise times into a 1000pF
load of 10ns, these MOSFET drivers are ideal for driving
large gate charge MOSFETs
in power supply
applications. The MIC44F18 is a non-inverting driver,
the MIC44F19 is an inverting driver suited for driving P-
Channel MOSFETs and the MIC44F20 is an inverting
driver for N-Channel MOSFETs.
Fabricated using Micrel’s proprietary BiCMOS/DMOS
process for low power consumption and high efficiency,
the MIC44F18/19/20 translates TTL or CMOS input logic
levels to output voltage levels that swing within 25mV of
the positive supply or ground. Comparable bipolar
devices are capable of swinging only to within 1V of the
supply.
The input supply voltage range of the MIC44F18/19/20
is 4.5V to 13.2V, making the devices suitable for driving
MOSFETs in a wide range of power applications. Other
features include an enable function, latch-up protection,
and a programmable UVLO function.
The MIC44F18/19/20 has a junction temperature range
of –40°C to +125°C with exposed pad ePAD MSOP-8
and 2mm x 2mm MLF
®-8 package options.
Data sheets and support documentation can be found
on Micrel’s web site at www.micrel.com.
Features
• 4.5V to 13.2V input operating range
• 6A peak output current
• High accuracy ±5% enable input threshold
• High speed switching capability
-
10ns rise time in 1000pF load
-
<15ns propagation delay time
• Flexible UVLO function
-
4.2V internally set UVLO
-
Programmable with external resistors
• Latch-up protection to >500mA reverse current on the
output pin
• Enable function
• Thermally enhanced ePAD MSOP-8 package option
• Miniature 2mm x 2mm MLF®-8 package option
• Pb-free packaging
Applications
• Synchronous switch-mode power supplies
• Secondary side synchronous rectification
Typical Applications
MOSFET Driver w/6.2V Programmed UVLO Internally Set
MOSFET Driver with 4V


Similar Part No. - MIC44F20

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC44F20 MICREL-MIC44F20 Datasheet
757Kb / 17P
6A, 13V High Speed MOSFET Drivers with Enable Input
MIC44F20YML MICREL-MIC44F20YML Datasheet
757Kb / 17P
6A, 13V High Speed MOSFET Drivers with Enable Input
MIC44F20YMME MICREL-MIC44F20YMME Datasheet
757Kb / 17P
6A, 13V High Speed MOSFET Drivers with Enable Input
More results

Similar Description - MIC44F20

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4420 TELCOM-TC4420 Datasheet
64Kb / 5P
6A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC4420 MICROCHIP-TC4420 Datasheet
64Kb / 8P
6A HIGH-SPEED MOSFET DRIVERS
2002-2012
logo
Alpha Industries
AS4420 ALPHA-AS4420 Datasheet
268Kb / 5P
6A, High Speed MOSFET Drivers
logo
ON Semiconductor
NCP4420 ONSEMI-NCP4420 Datasheet
78Kb / 8P
6A High-Speed MOSFET Drivers
June, 2000 ??Rev. 0
logo
Microchip Technology
TC4420 MICROCHIP-TC4420_04 Datasheet
342Kb / 20P
6A High-Speed MOSFET Drivers
2004
TC4420M MICROCHIP-TC4420M Datasheet
206Kb / 18P
6A High-Speed MOSFET Drivers
2005
MCP1406 MICROCHIP-MCP1406 Datasheet
904Kb / 22P
6A High-Speed Power MOSFET Drivers
2006
TC4420 MICROCHIP-TC4420 Datasheet
378Kb / 22P
6A High-Speed MOSFET Drivers
2002-2012 11/27/12
MCP1406 MICROCHIP-MCP1406_16 Datasheet
764Kb / 30P
6A High-Speed Power MOSFET Drivers
07/14/15
TC4420 MICROCHIP-TC4420_V01 Datasheet
69Kb / 8P
6A HIGH-SPEED MOSFET DRIVERS
10/18/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com