Electronic Components Datasheet Search
  English  ▼

X  

MIC44F20 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC44F20
Description  6A High Speed MOSFET Drivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC44F20 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC44F20 Datasheet HTML 1Page - Micrel Semiconductor MIC44F20 Datasheet HTML 2Page - Micrel Semiconductor MIC44F20 Datasheet HTML 3Page - Micrel Semiconductor MIC44F20 Datasheet HTML 4Page - Micrel Semiconductor MIC44F20 Datasheet HTML 5Page - Micrel Semiconductor MIC44F20 Datasheet HTML 6Page - Micrel Semiconductor MIC44F20 Datasheet HTML 7Page - Micrel Semiconductor MIC44F20 Datasheet HTML 8Page - Micrel Semiconductor MIC44F20 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Micrel, Inc.
MIC44F18/19/20
January 2007
4
M9999-011207
Electrical Characteristics (cont.)
Symbol
Parameter
Condition
Min
Typ
Max
Units
Output
VOH
High Output Voltage
See Figure 1
VS-
0.025
V
VOL
Low Output Voltage
See Figure 1
0.025
V
Output Resistance, Output High
IOUT = 100mA, Vdd = 12V
IOUT = 100mA, Vdd = 5V
2
3
Ω
RO
Output Resistance, Output Low
IOUT = 100mA, Vdd = 12V
IOUT = 100mA, Vdd = 5V
2
3
Ω
Peak Output Sink Current
Vdd=12V
6
A
IPEAK
Peak Output Source Current
VS=12V
6
A
IR
Latch-Up Protection Withstand
Reverse Current
>500
mA
Switching Time
tR
Rise Time
VS=12V, CL=1000pF
See Figure 1 and 2
10
20
nS
tF
Fall Time
VS=12V, CL=1000pF
See Figure 1 and 2
10
20
nS
tD1
Delay Time
VS=12V, CL=1000pF
See Figure 1 and 2
15
35
nS
tD2
Delay Time
VS=12V, CL=1000pF
See Figure 1 and 2
13
35
nS
tPW
Minimum Input Pulse Width
VS=12V
See Figure 1 and 2
50
nS
fMAX
Maximum Input Frequency
VS=12V
See Figure 1 and 2
Note 6
MHz
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
4. Specification for packaged product only.
5. The device is protected from damage when -5V< Vin< 0V. However, 0V is the recommended minimum continuous VIL voltage. See the applications
section for additional information.
6. See applications section for information on the maximum operating frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com