Electronic Components Datasheet Search
  English  ▼

X  

VHB100 Datasheet(PDF) 3 Page - CUI INC

Part # VHB100
Description  Half Brick DC-DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VHB100 Datasheet(HTML) 3 Page - CUI INC

  VHB100 Datasheet HTML 1Page - CUI INC VHB100 Datasheet HTML 2Page - CUI INC VHB100 Datasheet HTML 3Page - CUI INC VHB100 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3 / 4
Rev. 05-2007
V-Infinity, LLC, 20050 SW 112th Ave., Tualatin, OR 97062
www.v-infinity.com
1-866-372-1258
VHB100 Series Half Brick DC-DC Converter
Application Notes
Derating:
The operating case temperature range of the VHB75 series is -40°C to +100°C. When operating the VHB75, proper derating or
cooling is needed. Following is the derating curve of VHB75 without heat sink.
Where:
The power dissapation (Pd) is
Pd= Pi - Po = Po (1-
η )/ η
The thermal resistances are listed below.
The temperature rise (D T):
D T = Pd * Rca



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com