Electronic Components Datasheet Search
  English  ▼

X  

VHB100 Datasheet(PDF) 4 Page - CUI INC

Part # VHB100
Description  Half Brick DC-DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VHB100 Datasheet(HTML) 4 Page - CUI INC

  VHB100 Datasheet HTML 1Page - CUI INC VHB100 Datasheet HTML 2Page - CUI INC VHB100 Datasheet HTML 3Page - CUI INC VHB100 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4 / 4
Rev. 05-2007
V-Infinity, LLC, 20050 SW 112th Ave., Tualatin, OR 97062
www.v-infinity.com
1-866-372-1258
VHB100 Series Half Brick DC-DC Converter
External Output Trimming
Output may optionally be trimmed (±10%) with external fixed resistors or an external trimpot as shown.
Output Noise
The output noise is measured with a 10uF tantalum capacitor and a 1.0uF ceramic capacitor across the output.
Remote On/Off Control
The VHB75 series allows the user to switch the module on and off electronically with the remote on/off feature. Logic control
defaults to “positive” logic. The diagram shows the recommentded curcuits for positive logic. The “negative logic” option is also
available.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com