Electronic Components Datasheet Search
  English  ▼

X  

MIC2186 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2186
Description  Low Voltage PWM Control IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2186 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2186 Datasheet HTML 1Page - Micrel Semiconductor MIC2186 Datasheet HTML 2Page - Micrel Semiconductor MIC2186 Datasheet HTML 3Page - Micrel Semiconductor MIC2186 Datasheet HTML 4Page - Micrel Semiconductor MIC2186 Datasheet HTML 5Page - Micrel Semiconductor MIC2186 Datasheet HTML 6Page - Micrel Semiconductor MIC2186 Datasheet HTML 7Page - Micrel Semiconductor MIC2186 Datasheet HTML 8Page - Micrel Semiconductor MIC2186 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
April 2005
5
M9999-042205
MIC2186
Micrel, Inc.
Typical Characteristics
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-40 -20
0
20
40
60
80 100
TEMPERATURE (°C)
Quiescent Current vs.
Temperature (SKIP Mode)
V
INA = 5VDC
V
INP = 12VDC
I
Q = IQVINA+IQVINP
3.35
3.4
3.45
3.5
3.55
3.6
3.65
-60 -40 -20 0
20 40 60 80 100
TEMPERATURE (°C)
Quiescent Current vs.
Temperature (PWM Mode)
V
INA = 5VDC
V
INP = 12VDC
I
Q = IQVINA+IQVINP
0
0.5
1
1.5
2
2.5
3
3.5
4
02
468
10 12 14 16
INPUT VOLTAGE (V
INA)
Quiescent Current vs.
Input Voltage(PWM Mode)
400kHz
200kHz
100kHz
V
INP =12VDC
I
Q = IQVINA+IQVINP
0
0.5
1
1.5
2
2.5
3
3.5
4
02
46
8
10 12 14 16
INPUT VOLTAGE (V
INA)
Quiescent Current vs.
Input Voltage (PWM Mode)
V
INP = 5V
V
INP = 9V
V
INP = 12V
I
Q = IQVINA + IQVINP
f
S = 400kHz
0.5
0.55
0.6
0.65
0.7
0.75
0.8
0.85
0.9
02
468
10 12 14 16
INPUT VOLTAGE (V
INA)
Quiescent Current vs.
Input Voltage (SKIP Mode)
V
INP = 5VDC
V
INP = 9VDC
V
INP = 12VDC
1.244
1.2442
1.2444
1.2446
1.2448
1.245
1.2452
02
468
10 12 14 16
INPUT VOLTAGE (V
INA)
Reference Voltage
vs. Input Voltage
V
INP = 12VDC
1.2443
1.2444
1.2445
1.2446
1.2447
1.2448
1.2449
1.245
1.2451
020
4060
80
100 120
REFERENCE CURRENT (µA)
Reference Voltage
vs. Reference Current
V
INP = 12VDC
V
INA = 5VDC
1.2436
1.2438
1.2440
1.2442
1.2444
1.2446
1.2448
1.2450
1.2452
1.2454
-40 -20
0
20
40
60
80 100
TEMPERATURE (°C)
Reference Voltage
vs. Temperature
V
INP = 12VDC
V
INA = 5VDC
2.80
2.85
2.90
2.95
3.00
3.05
3.10
024
68
10
12
14
INPUT VOLTAGE (V
INA)
VDD vs.
Input Voltage
V
INP = 12VDC
2.995
3.000
3.005
3.010
3.015
3.020
3.025
3.030
3.035
0
0.2
0.4
0.6
0.8
1
1.2
IVDD (mA)
VDD vs.
Load Current
V
INP = 12VDC
V
INA = 5VDC
2.94
2.96
2.98
3.00
3.02
3.04
3.06
3.08
-60 -40 -20 0
20 40 60 80 100
TEMPERATURE (°C)
VDD vs.
Temperature
V
INP = 12VDC
V
INA = 5VDC
0
50
100
150
200
250
300
024
68
10
12
14
VENABLE (V)
Ienable vs.
Venable
V
INP = 12VDC
V
INA = 5VDC
85°C
–40°C
20°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com