Electronic Components Datasheet Search
  English  ▼

X  

MIC2186 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2186
Description  Low Voltage PWM Control IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2186 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2186 Datasheet HTML 1Page - Micrel Semiconductor MIC2186 Datasheet HTML 2Page - Micrel Semiconductor MIC2186 Datasheet HTML 3Page - Micrel Semiconductor MIC2186 Datasheet HTML 4Page - Micrel Semiconductor MIC2186 Datasheet HTML 5Page - Micrel Semiconductor MIC2186 Datasheet HTML 6Page - Micrel Semiconductor MIC2186 Datasheet HTML 7Page - Micrel Semiconductor MIC2186 Datasheet HTML 8Page - Micrel Semiconductor MIC2186 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MIC2186
Micrel, Inc.
M9999-042205
4
April 2005
Parameter
Condition
Min
Typ
Max
Units
Enable/UVLO
Enable Input Threshold
0.6
0.9
1.2
V
UVLO Threshold
1.4
1.5
1.6
V
UVLO Hysteresis
140
mV
Enable Input Current
V
EN/UVLO = 5V
0.2
5
µA
Soft Start
Soft Start Current
5
µA
Current Limit
Current Limit Threshold Voltage
(Voltage on CSH to trip current limit)
80
100
120
mV
Error Amplifier
Error Amplifier Gain
20
V/V
Current Amplifier
Current Amplifier Gain
3.7
V/V
SKIP Input
SKIP Threshold
0.6
1.4
2.2
V
SKIP Input Current
V
SKIP = 3V
0.1
5
µA
HIDC Input
HIDC Threshold
0.6
1.4
2.2
V
Oscillator Section
Oscillator Frequency (f
O)
360
400
440
kHz
Maximum Duty Cycle
V
FB = 1.0V, VHIDC = 3V
85
%
V
FB = 1.0V, VHIDC = 0V
50
Minimum On Time
V
FB = 1.5V, VHiDC = 3V
180
ns
FREQ/2 Frequency (f
O)VHiDC = 3V, VFREQ/2 = 3V
170
200
230
kHz
Frequency Foldback Threshold
Measured on FB
0.3
V
Frequency Foldback Frequency
V
HiDC = 3V, VFREQ/2 = 0V
90
kHz
SYNC Threshold Level
0.6
1.4
2.2
V
SYNC Input Current
0.1
5
µA
SYNC Minimum Pulse Width
200
ns
SYNC Capture Range
Note 4
f
O + 15 %
600
kHz
Gate Drivers
Rise/Fall Time
C
L = 3300pF
50
ns
Output Driver Impedance
source; V
INP = 12V
1.8
4
Ω
sink; V
INP = 12V
1.6
3.5
Ω
source; V
INP =5V
2.6
Ω
sink; V
INP = 5V
2.4
Ω
Note 1.
Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply when
operating the device outside of its operating ratings. The maximum allowable power dissipation is a function of the maximum junction
temperature, T
J(max), the junction-to-ambient thermal resistance, θJA, and the ambient temperature, TA.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended.
Note 4.
See application information for limitations on maximum operating frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com