Electronic Components Datasheet Search
  English  ▼

X  

MIC2297 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2297
Description  40V PWM Boost Regulator White LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2297 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2297 Datasheet HTML 1Page - Micrel Semiconductor MIC2297 Datasheet HTML 2Page - Micrel Semiconductor MIC2297 Datasheet HTML 3Page - Micrel Semiconductor MIC2297 Datasheet HTML 4Page - Micrel Semiconductor MIC2297 Datasheet HTML 5Page - Micrel Semiconductor MIC2297 Datasheet HTML 6Page - Micrel Semiconductor MIC2297 Datasheet HTML 7Page - Micrel Semiconductor MIC2297 Datasheet HTML 8Page - Micrel Semiconductor MIC2297 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Micrel
MIC2297
Mach 2008
5
M9999-032708
Typical Characteristics (continued)
35
40
45
50
55
60
65
70
75
80
85
0
102030
40
LED CURRENT (mA)
Efficiency for 10 LEDs
vs. LED Current
VIN = 3.6V
VIN = 3.2V
VIN = 4.2V
L = 15µH
40
45
50
55
60
65
70
75
80
0
5
10 15 20 25 30 35
LED CURRENT (mA)
Efficiency for 9 LEDs
vs. LED Current
L = 6.8µH
VIN = 3.6V
VIN = 3.2V
VIN = 4.2V
35
40
45
50
55
60
65
70
75
80
85
0
5 10 15 20 25 30 35 40
LED CURRENT (mA)
Efficiency for 9 LEDs
vs. LED Current
VIN = 3.6V
VIN = 3.2V
VIN = 4.2V
L = 15µH
0
5
10
15
20
25
30
35
0
20406080
100
DUTY CYCLE (%)
LED Current
vs. Duty Cycle
RSENSE
5V
4V
3V
2V
PWM = 20kHz
2V peak PWM
VIN
EN
REF
BRT
AGND PGND
SW
OVP
COMP
FB
MIC2297BML
C3
0.22µF, 10V
PWM
C4
0.1µF, 10V
C2
0.47µF, 50V
C1
1µF, 16V
L1 = Murata LQH32CN100K11
L1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com