Electronic Components Datasheet Search
  English  ▼

X  

MIC2297 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC2297
Description  40V PWM Boost Regulator White LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2297 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC2297 Datasheet HTML 3Page - Micrel Semiconductor MIC2297 Datasheet HTML 4Page - Micrel Semiconductor MIC2297 Datasheet HTML 5Page - Micrel Semiconductor MIC2297 Datasheet HTML 6Page - Micrel Semiconductor MIC2297 Datasheet HTML 7Page - Micrel Semiconductor MIC2297 Datasheet HTML 8Page - Micrel Semiconductor MIC2297 Datasheet HTML 9Page - Micrel Semiconductor MIC2297 Datasheet HTML 10Page - Micrel Semiconductor MIC2297 Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Micrel
MIC2297
Mach 2008
10
M9999-032708
Reference Capacitor
A 1uF ceramic should be used on the reference pin to
prevent noise from getting into this node. A 1uF ceramic is
needed when a PWM signal is connected to the BRT pin.
Diode Selection
The MIC2297 requires an external diode for operation. A
Schottky diode is recommended for most applications due
to their lower forward voltage drop and reverse recovery
time. Ensure the diode selected can deliver the peak
inductor current and the maximum reverse voltage is rated
greater than the output voltage.
Input capacitor
A minimum 1F ceramic capacitor with an X5R or X7R
dielectric is recommended for designing with the MIC2297.
Increasing input capacitance will improve performance and
greater noise immunity on the source. The input capacitor
should be as close as possible to the inductor and the
MIC2297, with short traces for good noise performance.
The MIC2297 utilizes a feedback pin to compare the LED
current to an internal reference. The LED current is
adjusted by selecting the appropriate feedback resistor
value. The desired output current can be calculated as
follows:
R
V
I
LED
2
.
0
=
Compensation
The comp pin is connected to the output of the voltage
error
amplifier.
The
voltage
error amplifier is
a
transconductance amplifier. Adding a series RC to ground
adds a zero at:
1
1
2
1
C
R
f
zero
π
=
The resistor typically ranges from 10kOhm to 50kOhm.
The capacitor typically ranges from 1nF to 100nF.
Adding a capacitor from comp to ground adds a pole at
2
1
2
1
C
R
f
pole
π
=
This capacitor typically ranges from 100pF to 10nF.
Generally an RC to ground is all that is needed. The RC
should be placed as close as possible to the comp pin.
The capacitor should be a ceramic with a X5R, X7R, or
COG dielectric.
Grounding
Both the AGND and PGND must be connected to the
exposed backside pad. The exposed backside pad also
improves thermal performance. A large ground plane
decreases thermal resistance to ambient air.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com