Electronic Components Datasheet Search
  English  ▼

X  

MIC2779 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2779
Description  Voltage Monitor with Adjustable Hysteresis
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2779 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2779 Datasheet HTML 1Page - Micrel Semiconductor MIC2779 Datasheet HTML 2Page - Micrel Semiconductor MIC2779 Datasheet HTML 3Page - Micrel Semiconductor MIC2779 Datasheet HTML 4Page - Micrel Semiconductor MIC2779 Datasheet HTML 5Page - Micrel Semiconductor MIC2779 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MIC2779
Micrel, Inc.
MIC2779
2
January 2006
Pin Configuration
HTH
VDD
RST
LTH
1
3
4
5
2
GND
SOT-23-5 (M5)
“H” Version
Ordering Information
Part Number
Output Polarity Accuracy Temperature Range
Package
Standard
Marking Pb-Free
Marking
MIC2779H-2BM5
UPA2
MIC2779H-2YM5
UPA2
Active-High RST
2%
–40ºC to +85ºC
SOT-23-5
MIC2779H-1BM5
UPA1
MIC2779H-1YM5
UPA1
Active-High RST
1%
–40ºC to +85ºC
SOT-23-5
MIC2779L-2BM5
UPB2
MIC2779L-2YM5
UPB2
Active-Low /RST
2%
–40ºC to +85ºC
SOT-23-5
MIC2779L-1BM5
UPB1
MIC2779L-1YM5
UPB1
Active-Low /RST
1%
–40ºC to +85ºC
SOT-23-5
HTH
VDD
/RST
LTH
1
3
4
5
2
GND
SOT-23-5 (M5)
“L” Version
Pin Description
Pin Number
Pin Number
Pin Name
Pin Function
MIC2779H
MIC2779L
1
1
HTH
High-Voltage Theshold (Input): Analog input to a comparator. When the
level on this pin initially rises above VREF, the delay generator cycles and the
/RST remains low or RST remains high for a minimum of 140ms.
2
2
GND
Ground
3
3
LTH
Low-Voltage Threshold (Input): Analog input to a comparator. This is the
voltage monitor input assigned to detect a low voltage condition. When the
level on this pin falls below VREF, /RST or RST is asserted and the condition
is latched until VHTH > VREF.
4
RST
Reset (Output): Push-pull output. This output is asserted and latched when
VLTH <VREF, indicating a low voltage condition. This state remains latched
until VHTH > VREF. The polarity of this signal (active-high or low) is deter
mined by the part number suffix. See ordering information.
4
/RST
Reset (Output): Push-pull output. This output is asserted and latched when
VLTH <VREF, indicating a low voltage condition. This state remains latched
until VHTH > VREF. The polarity of this signal (active-high or low) is deter
mined by the part number suffix. See ordering information.
5
5
VDD
Power Supply (Input): Independent supply input for internal circuitry.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com