Electronic Components Datasheet Search
  English  ▼

X  

MIC2779 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2779
Description  Voltage Monitor with Adjustable Hysteresis
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2779 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2779 Datasheet HTML 1Page - Micrel Semiconductor MIC2779 Datasheet HTML 2Page - Micrel Semiconductor MIC2779 Datasheet HTML 3Page - Micrel Semiconductor MIC2779 Datasheet HTML 4Page - Micrel Semiconductor MIC2779 Datasheet HTML 5Page - Micrel Semiconductor MIC2779 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MIC2779
Micrel, Inc.
MIC2779
4
January 2006
Functional Description
The MIC2779 monitors the voltage of a battery and detects
when it is discharged below a programmed level. Upon be-
ing replaced, or being recharged above a second higher
programmed trip point, the output remains low (MIC2779L)
or high (MIC2779H) for a minimum of 140ms and then sends
a reset signal to a microprocessor or other downstream
component. See “Timing Diagram.”
/RST, RST Low Output
The output is a push-pull logic signal which is asserted when
the MIC2779 detects a low input voltage. The MIC2779L’s
/RST output is active-low; the MIC2779H’s RST output is
active-high.
Functional Diagram
GND
VBATT
RST*
1.24V
Bandgap
Reference
Low-Voltage
Detect
High-Voltage
Detect
R
S
Q
Q
Delay
Line
LTH
HTH
VLO
VHI
MIC2779
VDD
* Pinout and polarity vary by device type.
See ordering information table.
/RST*
One Shot
Trip Points
Battery voltage is monitored by a comparator via a voltage
divider network. The divided voltage is compared to an in-
ternal reference voltage. When the voltage at the LTH input
pin drops below the internal reference voltage, the output is
asserted. At this point, the voltage at HTH is assumed to be
below the reference voltage.
Delay
At power-on or when the battery is replaced or recharged,
and the voltage at HTH exceeds the reference voltage, the
output is deasserted after a minimum delay of 140ms.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com