Electronic Components Datasheet Search
  English  ▼

X  

MIC4103 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC4103
Description  100V Half Bridge MOSFET Drivers 3/2A Sinking/Sourcing Current
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4103 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC4103 Datasheet HTML 1Page - Micrel Semiconductor MIC4103 Datasheet HTML 2Page - Micrel Semiconductor MIC4103 Datasheet HTML 3Page - Micrel Semiconductor MIC4103 Datasheet HTML 4Page - Micrel Semiconductor MIC4103 Datasheet HTML 5Page - Micrel Semiconductor MIC4103 Datasheet HTML 6Page - Micrel Semiconductor MIC4103 Datasheet HTML 7Page - Micrel Semiconductor MIC4103 Datasheet HTML 8Page - Micrel Semiconductor MIC4103 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Micrel
MIC4103/4104
October 2007
2
M9999-100107-B
Ordering Information
Part Number
Input
Junction Temp. Range
Package
MIC4103YM
CMOS
–40° to +125°C
8-Pin SOIC
MIC4104YM
TTL
–40° to +125°C
8-Pin SOIC
MIC4103YML (coming soon)
CMOS
–40° to +125°C
8-Pin 3x3 MLF
®
MIC4104YML (coming soon)
TTL
–40° to +125°C
8-Pin 3x3 MLF
®
Pin Configuration
8-Pin SOIC (M)
8-Pin 3mm × 3mm MLF
® (ML)
Pin Description
Pin Number
Pin Name
Pin Function
1
VDD
Positive Supply to lower gate drivers. Decouple this pin to VSS (Pin 7).
Bootstrap diode connected to HB (pin 2).
2
HB
High-Side Bootstrap supply. External bootstrap capacitor is required. Connect
positive side of bootstrap capacitor to this pin. Bootstrap diode is on-chip.
3
HO
High-Side Output. Connect to gate of High-Side power MOSFET.
4
HS
High-Side Source connection. Connect to source of High-Side power MOSFET.
Connect negative side of bootstrap capacitor to this pin.
5
HI
High-Side input.
6
LI
Low-Side input.
7
VSS
Chip negative supply, generally will be ground.
8
LO
Low-Side Output. Connect to gate of Low-Side power MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com