Electronic Components Datasheet Search
  English  ▼

X  

MIC4416 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC4416
Description  IttyBitty??Low-Side MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4416 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC4416 Datasheet HTML 2Page - Micrel Semiconductor MIC4416 Datasheet HTML 3Page - Micrel Semiconductor MIC4416 Datasheet HTML 4Page - Micrel Semiconductor MIC4416 Datasheet HTML 5Page - Micrel Semiconductor MIC4416 Datasheet HTML 6Page - Micrel Semiconductor MIC4416 Datasheet HTML 7Page - Micrel Semiconductor MIC4416 Datasheet HTML 8Page - Micrel Semiconductor MIC4416 Datasheet HTML 9Page - Micrel Semiconductor MIC4416 Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
May 2005
9
MIC4416/4417
MIC4416/4417
Micrel, Inc.
Power Dissipation
The maximum power dissipation must not be exceeded to
prevent die meltdown or deterioration.
Power dissipation in on/off switch applications is negligible.
Fast repetitive switching applications, such as SMPS (switch-
mode power supplies), cause a significant increase in power
dissipation with frequency. Power is dissipated each time
current passes through the internal output MOSFETs when
charging or discharging the external MOSFET. Power is also
dissipated during each transition when some current momen-
tarily passes from VS to GND through both internal MOSFETs.
Power dissipation is the product of supply voltage and supply
current:
1)
P
D = VS × IS
where:
P
D = power dissipation (W)
V
S = supply voltage (V)
I
S = supply current (A) [see paragraph below]
Supply current is a function of supply voltage, switching
frequency, and load capacitance. Determine this value from
the “Typical Characteristics: Supply Current vs. Frequency”
graph or measure it in the actual application.
Do not allow P
D to exceed PD (max), below.
T
J (junction temperature) is the sum of TA (ambient tempera-
ture) and the temperature rise across the thermal resistance
of the package. In another form:
2)
P
150
T
220
D
A
≤
−
where:
P
D (max) = maximum power dissipation (W)
150 = absolute maximum junction temperature (°C)
T
A = ambient temperature (°C) [68°F = 20°C]
220 = package thermal resistance (°C/W)
Maximum power dissipation at 20°C with the driver soldered
to a 0.25in2 ground plane is approximately 600mW.
CTL
G
VS
GND
PCB heat sink/
ground plane
PCB traces
Figure 4. Heat-Sink Plane
The SOT-143 package θJA (junction-to-ambient thermal re-
sistance) can be improved by using a heat sink larger than the
specified 0.25in2 ground plane. Significant heat transfer
occurs through the large (GND) lead.
This lead is an
extension of the paddle to which the die is attached.
High-Frequency Operation
Although the MIC4416/7 driver will operate at frequencies
greater than 1MHz, the MOSFET’s capacitance and the load
will affect the output waveform (at the MOSFET’s drain).
For example, an MIC4416/IRL3103 test circuit using a 47Ω
5W load resistor will produce an output waveform that closely
matches the input signal shape up to about 500kHz. The
same test circuit with a 1kΩ load resistor operates only up to
about 25kHz before the MOSFET source waveform shows
significant change.
VS
CTL
G
GND
MIC4416
+4.5V to 18V
1
32
4
Logic
Input
+5V
Logic-Level
MOSFET
IRL3103*
* International Rectifier
14m
Ω, 30V MOSFET,
logic-level, VGS = ±20V max.
4.7µF
0.1µF
Compare
47k
Ω, 5W
to
1k
Ω, 1/4W
loads
G
D
S
Slower rise time
observed at
MOSFET’s drain
Figure 5. MOSFET Capacitance Effects at High
Switching Frequency
When the MOSFET is driven off, the slower rise occurs
because the MOSFET’s output capacitance recharges through
the load resistance (RC circuit). A lower load resistance
allows the output to rise faster. For the fastest driver opera-
tion, choose the smallest power MOSFET that will safely
handle the desired voltage, current, and safety margin. The
smallest MOSFETs generally have the lowest capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com