Electronic Components Datasheet Search
  English  ▼

X  

MIC4416 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC4416
Description  IttyBitty??Low-Side MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4416 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC4416 Datasheet HTML 1Page - Micrel Semiconductor MIC4416 Datasheet HTML 2Page - Micrel Semiconductor MIC4416 Datasheet HTML 3Page - Micrel Semiconductor MIC4416 Datasheet HTML 4Page - Micrel Semiconductor MIC4416 Datasheet HTML 5Page - Micrel Semiconductor MIC4416 Datasheet HTML 6Page - Micrel Semiconductor MIC4416 Datasheet HTML 7Page - Micrel Semiconductor MIC4416 Datasheet HTML 8Page - Micrel Semiconductor MIC4416 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MIC4416/4417
Micrel, Inc.
MIC4416/4417
2
May 2005
Pin Configuration
GND
CTL
VS
G
Dxx
Part
Identification
1
2
34
SOT-143 (M4)
Pin Description
Pin Number
Pin Name
Pin Function
1
GND
Ground: Power return.
2G
Gate (Output) : Gate connection to external MOSFET.
3VS
Supply (Input): +4.5V to +18V supply.
4
CTL
Control (Input): TTL-compatible on/off control input.
MIC4416 only: Logic high forces the gate output to the supply voltage.
Logic low forces the gate output to ground.
MIC4417 only: Logic high forces the gate output to ground. Logic low
forces the gate output to the supply voltage.
Part Number
Marking Code*
Temperature
Standard
Pb-Free
Standard
Pb-Free
Range
Configuration
Package
MIC4416BM4
MIC4416YM4
D10
D10
–40ºC to +85ºC
Non-Inverting
SOT-143
MIC4417BM4
MIC4417YM4
D11
D11
–40ºC to +85ºC
Inverting
SOT-143
*Under bar symbol (_) may not be to scale.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com