Electronic Components Datasheet Search
  English  ▼

X  

MIC4422 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC4422
Description  9A-Peak Low-Side MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4422 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC4422 Datasheet HTML 3Page - Micrel Semiconductor MIC4422 Datasheet HTML 4Page - Micrel Semiconductor MIC4422 Datasheet HTML 5Page - Micrel Semiconductor MIC4422 Datasheet HTML 6Page - Micrel Semiconductor MIC4422 Datasheet HTML 7Page - Micrel Semiconductor MIC4422 Datasheet HTML 8Page - Micrel Semiconductor MIC4422 Datasheet HTML 9Page - Micrel Semiconductor MIC4422 Datasheet HTML 10Page - Micrel Semiconductor MIC4422 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MIC4421/4422
Micrel, Inc.
August 2005
7
M9999-081005
Applications Information
Supply Bypassing
Charging and discharging large capacitive loads quickly
requires large currents. For example, charging a 10,000pF
load to 18V in 50ns requires 3.6A.
The MIC4421/4422 has double bonding on the supply pins,
the ground pins and output pins. This reduces parasitic
lead inductance. Low inductance enables large currents to
be switched rapidly. It also reduces internal ringing that can
cause voltage breakdown when the driver is operated at or
near the maximum rated voltage.
Internal ringing can also cause output oscillation due to
feedback. This feedback is added to the input signal since it
is referenced to the same ground.
Figure 3. Direct Motor Drive
Figure 4. Self Contained Voltage Doubler
30
29
28
27
26
25
0
50 100 150 200 250 300 350
mA
12 Ω LINE
OUTPUT VOLTAGE vs LOAD CURRENT
DRIVE
LOGIC
Ø1DRIVE SIGNAL
CONDUCTION ANGLE
CONTROL 0° TO 180°
CONDUCTION ANGLE
CONTROL 180° TO 360°
MIC4451
VS
1µF
VS
MIC4452
VS
1µF
VS
Ø1
M
Ø3
Ø2
PHASE 1 of 3 PHASE MOTOR
DRIVER USING MIC4420/4429
MIC4421
1µF
50V
MKS2
UNITED CHEMCON SXE
0.1µF
WIMA
MKS2
1
8
6, 7
5
4
0.1µF
50V
5.6 kΩ
560 Ω
+15
560µF 50V
BYV 10 (x 2)
100µF 50V
(x2) 1N4448
2
+
+
+
To guarantee low supply impedance over a wide frequency
range, a parallel capacitor combination is recommended for
supply bypassing. Low inductance ceramic disk capacitors
with short lead lengths (< 0.5 inch) should be used. A 1µF low
ESR film capacitor in parallel with two 0.1µF low ESR ceramic
capacitors, (such as AVX RAM Guard®), provides adequate
bypassing. Connect one ceramic capacitor directly between
pins 1 and 4. Connect the second ceramic capacitor directly
between pins 8 and 5.
Grounding
The high current capability of the MIC4421/4422 demands
careful PC board layout for best performance. Since the
MIC4421 is an inverting driver, any ground lead impedance
willappearasnegativefeedbackwhichcandegradeswitching
speed. Feedback is especially noticeable with slow-rise time
inputs. The MIC4421 input structure includes about 200mV
of hysteresis to ensure clean transitions and freedom from
oscillation, but attention to layout is still recommended.
Figure 5 shows the feedback effect in detail. As the MIC4421
input begins to go positive, the output goes negative and
several amperes of current flow in the ground lead. As little
as 0.05Ω of PC trace resistance can produce hundreds of
millivolts at the MIC4421 ground pins. If the driving logic is
referenced to power ground, the effective logic input level is
reduced and oscillation may result.
To insure optimum performance, separate ground traces
should be provided for the logic and power connections. Con-
necting the logic ground directly to the MIC4421 GND pins
will ensure full logic drive to the input and ensure fast output
switching. Both of the MIC4421 GND pins should, however,
still be connected to power ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com