Electronic Components Datasheet Search
  English  ▼

X  

MIC4422 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC4422
Description  9A-Peak Low-Side MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4422 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC4422 Datasheet HTML 1Page - Micrel Semiconductor MIC4422 Datasheet HTML 2Page - Micrel Semiconductor MIC4422 Datasheet HTML 3Page - Micrel Semiconductor MIC4422 Datasheet HTML 4Page - Micrel Semiconductor MIC4422 Datasheet HTML 5Page - Micrel Semiconductor MIC4422 Datasheet HTML 6Page - Micrel Semiconductor MIC4422 Datasheet HTML 7Page - Micrel Semiconductor MIC4422 Datasheet HTML 8Page - Micrel Semiconductor MIC4422 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MIC4421/4422
Micrel, Inc.
M9999-081005
4
August 2005
Figure 1. Inverting Driver Switching Time
Electrical Characteristics: (Over operating temperature range with 4.5V ≤ V
S ≤ 18V unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
INPUT
V
IH
Logic 1 Input Voltage
2.4
1.4
V
V
IL
Logic 0 Input Voltage
1.0
0.8
V
V
IN
Input Voltage Range
–5
V
S+0.3
V
I
IN
Input Current
0V ≤ V
IN ≤ VS
–10
10
µA
OUTPUT
V
OH
High Output Voltage
Figure 1
V
S–.025
V
V
OL
Low Output Voltage
Figure 1
0.025
V
R
O
Output Resistance,
I
OUT = 10mA, VS = 18V
0.8
3.6
Ω
Output High
R
O
Output Resistance,
I
OUT = 10mA, VS = 18V
1.3
2.7
Ω
Output Low
SWITCHING TIME (Note 3)
t
R
Rise Time
Figure 1, C
L = 10,000pF
23
120
ns
t
F
Fall Time
Figure 1, C
L = 10,000pF
30
120
ns
t
D1
Delay Time
Figure 1
20
80
ns
t
D2
Delay Time
Figure 1
40
80
ns
POWER SUPPLY
I
S
Power Supply Current
V
IN = 3V
0.6
3
mA
V
IN = 0V
0.1
0.2
V
S
Operating Input Voltage
4.5
18
V
Note 1:
Functional operation above the absolute maximum stress ratings is not implied.
Note 2:
Static-sensitive device. Store only in conductive containers. Handling personnel and equipment should be grounded to
prevent damage from static discharge.
Note 3:
Switching times guaranteed by design.
Test Circuits
IN
MIC4421
OUT
15000pF
VS = 18V
0.1µF
4.7µF
0.1µF
IN
MIC4422
OUT
15000pF
VS = 18V
0.1µF
4.7µF
0.1µF
tD1
90%
10%
tF
10%
0V
5V
tD2
tR
VS
OUTPUT
INPUT
90%
0V
tPW≥ 0.5µs
2.5V
tPW
90%
10%
tR
10%
0V
5V
tF
VS
OUTPUT
INPUT
90%
0V
tPW≥ 0.5µs
tD1
tD2
tPW
2.5V
Figure 2. Noninverting Driver Switching Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com