Electronic Components Datasheet Search
  English  ▼

X  

MIC5011 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5011
Description  Minimum Parts High- or Low-Side MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5011 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5011 Datasheet HTML 1Page - Micrel Semiconductor MIC5011 Datasheet HTML 2Page - Micrel Semiconductor MIC5011 Datasheet HTML 3Page - Micrel Semiconductor MIC5011 Datasheet HTML 4Page - Micrel Semiconductor MIC5011 Datasheet HTML 5Page - Micrel Semiconductor MIC5011 Datasheet HTML 6Page - Micrel Semiconductor MIC5011 Datasheet HTML 7Page - Micrel Semiconductor MIC5011 Datasheet HTML 8Page - Micrel Semiconductor MIC5011 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MIC5011
Micrel, Inc.
MIC5011
2
July 2005
Pin Description (Refer to Typical Applications)
Pin Number
Pin Name
Pin Function
1
V+
Supply; must be decoupled to isolate from large transients caused by the
power FET drain. 10µF is recommended close to pins 1 and 4.
2
Input
Turns on power MOSFET when taken above threshold (3.5V typical). Re-
quires <1 µA to switch.
3
Source
Connects to source lead of power FET and is the return for the gate clamp
zener. Can safely swing to –10V when turning off inductive loads.
4
Ground
5
Gate
Drives and clamps the gate of the power FET. Will be clamped to approxi-
mately –0.7V by an internal diode when turning off inductive loads.
6, 7, 8
C2, Com, C1
Optional 1nF capacitors reduce gate turn-on time; C2 has dominant effect.
Absolute Maximum Ratings (Note 1, 2)
Supply Voltage (V+), Pin 1
–0.5V to 36V
Input Voltage, Pin 2
–10V to V+
Source Voltage, Pin 3
–10V to V+
Current into Pin 3
50mA
Gate Voltage, Pin 5
–1V to 50V
Junction Temperature
150°C
Operating Ratings (Notes 1, 2)
Power Dissipation
1.25W
θJA (Plastic DIP)
100°C/W
θJA (SOIC)
170°C/W
Ambient Temperature: B version
–40°C to +85°C
Storage Temperature
–65°C to +150°C
Lead Temperature
260°C
(Soldering, 10 seconds)
Supply Voltage (V+), Pin 1
4.75V to 32V high side
4.75V to 15V low side
Pin Configuration
Input
Source
Gate
1
2
3
4
8
MIC5011
7
6
5
V+
Gnd
C1
Com
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com