Electronic Components Datasheet Search
  English  ▼

X  

MIC5011 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5011
Description  Minimum Parts High- or Low-Side MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5011 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5011 Datasheet HTML 1Page - Micrel Semiconductor MIC5011 Datasheet HTML 2Page - Micrel Semiconductor MIC5011 Datasheet HTML 3Page - Micrel Semiconductor MIC5011 Datasheet HTML 4Page - Micrel Semiconductor MIC5011 Datasheet HTML 5Page - Micrel Semiconductor MIC5011 Datasheet HTML 6Page - Micrel Semiconductor MIC5011 Datasheet HTML 7Page - Micrel Semiconductor MIC5011 Datasheet HTML 8Page - Micrel Semiconductor MIC5011 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
July 2005
3
MIC5011
MIC5011
Micrel, Inc.
Electrical Characteristics (Note 3)
Test circuit. TA = –55°C to +125°C, V+ = 15V, all switches open, unless otherwise specified.
Parameter
Conditions
Min
Typical Max
Units
Supply Current, I1
V+ = 32V
VIN = 0V, S2 closed
0.1
10
µA
VIN = V+ = 32V
8
20
mA
V+ = 5V
VIN = 5V, S2 closed
1.6
4
mA
Logic Input Voltage
V+ = 4.75V
Adjust VIN for VGATE low
2
V
Adjust VIN for VGATE high
4.5
V
V+ = 15V
Adjust VIN for VGATE high
5.0
V
Logic Input Current, I2
V+ = 32V
VIN = 0V
–1
µA
VIN = 32V
1
µA
Input Capacitance
Pin 2
5
pF
Gate Drive, VGATE
S1, S2 closed,
V+ = 4.75V, IGATE = 0, VIN = 4.5V
7
10
V
VS = V+, VIN = 5V
V+ = 15V, IGATE = 100µA, VIN = 5V
24
27
V
Zener Clamp,
S2 closed, VIN = 5V
V+ = 15V, VS = 15V
11
12.5
15
V
VGATE – VSOURCE
V+ = 32V, VS = 32V
11
13
16
V
Gate Turn-on Time, tON
VIN switched from 0 to 5V; measure time
25
50
µs
(Note 4)
for VGATE to reach 20V
Gate Turn-off Time, tOFF
VIN switched from 5 to 0V; measure time
4
10
µs
for VGATE to reach 1V
Note 1
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Electrical specifications do not apply when
operating the device beyond its specified
Operating Ratings.
Note 2
The MIC5011 is ESD sensitive.
Note 3
Minimum and maximum
Electrical Characteristics are 100% tested at TA = 25°C and TA = 85°C, and 100% guaranteed over the entire
range. Typicals are characterized at 25°C and represent the most likely parametric norm.
Note 4
Test conditions reflect worst case high-side driver performance. Low-side and bootstrapped topologies are significantly faster—see
Appli-
cations Information. Maximum value of switching speed seen at 125°C, units operated at room temperature will reflect the typical values
shown.
Input
Source
Gate
1
2
3
4
8
MIC5011
7
6
5
V+
Gnd
C1
Com
C2
V+
+ 1µF
VS
S2
1nF
I5
S1
1nF
1nF
500Ω
1W
VIN
VGATE
Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com