Electronic Components Datasheet Search
  English  ▼

X  

MIC5014 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC5014
Description  Low-Cost High- or Low-Side MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5014 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC5014 Datasheet HTML 3Page - Micrel Semiconductor MIC5014 Datasheet HTML 4Page - Micrel Semiconductor MIC5014 Datasheet HTML 5Page - Micrel Semiconductor MIC5014 Datasheet HTML 6Page - Micrel Semiconductor MIC5014 Datasheet HTML 7Page - Micrel Semiconductor MIC5014 Datasheet HTML 8Page - Micrel Semiconductor MIC5014 Datasheet HTML 9Page - Micrel Semiconductor MIC5014 Datasheet HTML 10Page - Micrel Semiconductor MIC5014 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MIC5014/5015
Micrel, Inc.
June 2005
7
MIC5014/5015
Typical Applications
Variable Supply Low Side Driver for Motor Speed Control
(Figure 6) The internal regulation in the MIC5014/15 allows
a steady gate enhancement to be supplied while the
MIC5014/15 supply varies from 5V to 30V, without damaging
the internal gate to source zener clamp. This allows the speed
of the DC motor shown to be varied by varying the supply
voltage.
Figure 6: DC Motor Speed Control/Driver
Solenoid Valve Driver (Figure 7) High power solenoid valves
are used in many industrial applications requiring the timed
dispensing of chemicals or gases. When the solenoid is
activated, the valve opens (or closes), releasing (or stopping)
fluid flow. A solenoid valve, like all inductive loads, has a
considerable “kickback” voltage when turned off, as current
cannot change instantaneously through an inductor. In most
applications, it is acceptable to allow this voltage to momen-
tarily turn the MOSFET back on as a way of dissipating the
inductor’s current. However, if this occurs when driving a
solenoid valve with a fast switching speed, chemicals or
gases may be inadvertantly be dispensed at the wrong time
with possibly disasterous consequences. Also, too large of
a kickback voltage (as is found in larger solenoids) can
damage the MIC5014 or the power FET by forcing the Source
node below ground (the MIC5014 can be driven up to 20V
below ground before this happens). A catch diode has been
included in this design to provide an alternate route for the
inductive kickback current to flow. The 5kΩ resistor in series
with this diode has been included to set the recovery time of
the solenoid valve.
Figure 7: Solenoid Valve Driver
MIC5014
OFF
ON
1
2
3
4
8
7
6
5
IRF540
VCC = +5V to +30V
NC
Gate
Gnd
Source
Input
V+
NC
NC
M
MIC5015
ON
OFF
1
2
3
4
8
7
6
5
IRFZ40
24V
NC
Gate
Gnd
Source
Input
V+
NC
NC
5kΩ
1N4005
ASCO
8320A
Solenoid
Figure 5. High Side Driver with Delayed Overcurrent Shutdown
MIC5014
1
2
3
4
8
7
6
5
NC
Gate
Gnd
Source
Input
V+
NC
NC
10µF
R4
1kΩ
R
S
0.06Ω
12V
On
R1
1kΩ
R2
120kΩ
LM301A
2.2kΩ
0.01µF
LM3905N
1
2
3
4
8
7
6
5
Logic
V+
Gnd
R/C
V
REF
Trigger
Emit
Coll
12V
1000pF
1kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com