Electronic Components Datasheet Search
  English  ▼

X  

MIC5014 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC5014
Description  Low-Cost High- or Low-Side MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5014 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC5014 Datasheet HTML 4Page - Micrel Semiconductor MIC5014 Datasheet HTML 5Page - Micrel Semiconductor MIC5014 Datasheet HTML 6Page - Micrel Semiconductor MIC5014 Datasheet HTML 7Page - Micrel Semiconductor MIC5014 Datasheet HTML 8Page - Micrel Semiconductor MIC5014 Datasheet HTML 9Page - Micrel Semiconductor MIC5014 Datasheet HTML 10Page - Micrel Semiconductor MIC5014 Datasheet HTML 11Page - Micrel Semiconductor MIC5014 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MIC5014/5015
Micrel, Inc.
MIC5014/5015
8
June 2005
Motor Driver With Stall Shutdown (Figure 10) Tachometer
feedback can be used to shut down a motor driver circuit when
a stall condition occurs. The control switch is a 3-way type; the
“START” position is momentary and forces the driver ON.
When released, the switch returns to the “RUN” position, and
the tachometer’s output is used to hold the MIC5014 input ON.
If the motor slows down, the tach output is reduced, and the
MIC5014 switches OFF. Resistor “R” sets the shutdown
threshold.
Figure 10. Motor Stall Shutdowm
Simple DC-DC Converter (Figure 11) The simplest applica-
tion for the MIC5014 is as a basic one-chip DC-DC converter.
As the output (Gate) pin has a relatively high impedance, the
output voltage shown will vary significantly with applied load.
Incandescent/Halogen Lamp Driver (Figure 8) The combi-
nation of an MIC5014/5015 and a power FET makes an
effective driver for a standard incandescent or halogen lamp
load. Such loads often have high inrush currents, as the
resistance of a cold filament is less than one-tenth as much as
when it is hot.
Power MOSFETs are well suited to this
application as they have wider safe operating areas than do
power bipolar transistors. It is important to check the SOA
curve on the data sheet of the power FET to be used against
the estimated or measured inrush current of the lamp in
question prior to prototyping to prevent “explosive” results.
If overcurrent sense is to be used, first measure the duration
of the inrush, then use the topology of Figure 5 with the RC of
the timer chosen to accomodate the duration with suitable
guardbanding.
Figure 8. Halogen Lamp Driver
Relay Driver (Figure 9) Some power relay applications re-
quire the use of a separate switch or drive control, such as in
the case of microprocessor control of banks of relays where
a logic level control signal is used, or for drive of relays with
high power requirements. The combination of an MIC5014/
5015 and a power FET also provides an elegant solution to
power relay drive.
Figure 9: Relay Driver
MIC5014
Control Input
OFF
ON
1
2
3
4
8
7
6
5
IRF540
12V
NC
Gate
Gnd
Source
Input
V+
NC
NC
10µF
OSRAM
HLX64623
MIC5014
Control Input
OFF
ON
1
2
3
4
8
7
6
5
IRF540
12V
NC
Gate
Gnd
Source
Input
V+
NC
NC
10µF
Guardian Electric
1725-1C-12D
MIC5014
1
2
3
4
8
7
6
5
IRFZ44
12V
NC
Gate
Gnd
Source
Input
V+
NC
NC
10µF
M
T
R
330kΩ
330kΩ
1N4148
Figure 11. DC - DC Converter
MIC5014
1
2
3
4
8
7
6
5
NC
Gate
Gnd
Source
Input
V+
NC
NC
10µF
5V
VOUT = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com