Electronic Components Datasheet Search
  English  ▼

X  

RT3C99M Datasheet(PDF) 1 Page - Isahaya Electronics Corporation

Part # RT3C99M
Description  Composite Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

RT3C99M Datasheet(HTML) 1 Page - Isahaya Electronics Corporation

  RT3C99M Datasheet HTML 1Page - Isahaya Electronics Corporation RT3C99M Datasheet HTML 2Page - Isahaya Electronics Corporation RT3C99M Datasheet HTML 3Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DESCRIPTION
RT3C99M is a composite transistor built with two
2SC5938A chips in SC-88 package.
FEATURE
Silicon NPN epitaxial type
Each transistor elements are independent.
Mini package for easy mounting
APPLICATION
muting circuit、switching circuit
RT3C99M
Composite Transistor
For Muting Application
Silicon Npn Epitaxial Type
OUTLINE DRAWING
Unit:mm
MAXIMUM RATING (Ta=25℃)
SYMBOL
PARAMETER
RATING
UNIT
VCBO
Collector to Base voltage
50
V
VEBO
Emitter to Base voltage
40
V
VCEO
Collector to Emitter voltage
20
V
IC
Collector current
200
mA
PC(Total)
Collector dissipation(Ta=25℃)
150
mW
Tj
Junction temperature
+
125
℃
Tstg
Storage temperature
-55~+125
℃
MARKING
9
C9
1
2
3
6
5
4
. 9
C9
1
2
3
6
5
4
.
ISAHAYA ELECTRONICS CORPORATION
TERMINAL
CONNECTOR
①:
EMITTER1
②:
BASE1
③:
COLLECTOR2
④:
EMITTER2
⑤:
BASE2
⑥
:COLLECTOR1
JEITA:SC-88
1.25
2.1
①
②
③
⑤
④
⑥
Tr1
Tr2


Similar Part No. - RT3C99M

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RT3C66M ISAHAYA-RT3C66M Datasheet
150Kb / 5P
Dual Transistor For Differential Amplify Application Silicon Npn Epitaxial Type
RT3C77M ISAHAYA-RT3C77M Datasheet
129Kb / 2P
Composite Transistor For General Purpose High Current Drive Application Silicon NPN Epitaxial Type
RT3CLLM ISAHAYA-RT3CLLM Datasheet
141Kb / 4P
2SC3052 chips in SC-88 package.
RT3CLLM ISAHAYA-RT3CLLM Datasheet
141Kb / 4P
Compound Transistor
More results

Similar Description - RT3C99M

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RT3AMMM ISAHAYA-RT3AMMM Datasheet
138Kb / 4P
Composite Transistor
RT3J22M ISAHAYA-RT3J22M Datasheet
147Kb / 4P
Composite Transistor
RT3J33M ISAHAYA-RT3J33M Datasheet
147Kb / 4P
Composite Transistor
RT3K11M ISAHAYA-RT3K11M Datasheet
147Kb / 4P
Composite Transistor
RT3K22M ISAHAYA-RT3K22M Datasheet
146Kb / 4P
Composite Transistor
RT3U11M ISAHAYA-RT3U11M Datasheet
169Kb / 5P
Composite Transistor
RT3U22M ISAHAYA-RT3U22M Datasheet
170Kb / 5P
Composite Transistor
RT3X99M ISAHAYA-RT3X99M Datasheet
140Kb / 4P
Composite Transistor
RT3XBBM ISAHAYA-RT3XBBM Datasheet
141Kb / 4P
Composite Transistor
RT3Y97M ISAHAYA-RT3Y97M Datasheet
143Kb / 4P
Composite Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com