Electronic Components Datasheet Search
  English  ▼

X  

RMS132UAW Datasheet(PDF) 25 Page - Emerging Memory & Logic Solutions Inc

Part # RMS132UAW
Description  512K x 32Bits x 2Banks Low Power Synchronous DRAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

RMS132UAW Datasheet(HTML) 25 Page - Emerging Memory & Logic Solutions Inc

Back Button RMS132UAW Datasheet HTML 18Page - Emerging Memory & Logic Solutions Inc RMS132UAW Datasheet HTML 19Page - Emerging Memory & Logic Solutions Inc RMS132UAW Datasheet HTML 20Page - Emerging Memory & Logic Solutions Inc RMS132UAW Datasheet HTML 21Page - Emerging Memory & Logic Solutions Inc RMS132UAW Datasheet HTML 22Page - Emerging Memory & Logic Solutions Inc RMS132UAW Datasheet HTML 23Page - Emerging Memory & Logic Solutions Inc RMS132UAW Datasheet HTML 24Page - Emerging Memory & Logic Solutions Inc RMS132UAW Datasheet HTML 25Page - Emerging Memory & Logic Solutions Inc RMS132UAW Datasheet HTML 26Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
Advance Information
The specifications of this device are subject to change without notice. For latest documentation see http://www.emlsi.com.
25
RMS132UAW
Figure7: Deep Power Down Mode Entry
Figure8: Deep Power Down Mode Exit
CLK
CKE
/CS
/RAS
/CAS
/WE
100 µ s
tRP
tRFC
Deep Power Down Exit
All Banks Precharge
Auto Refresh
Mode Register Set
Extended Mode Register Set
New Command
Auto Refresh
CLK
CKE
/CS
/RAS
Precharge if needed
Deep Power Down Entry
tRP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com