Electronic Components Datasheet Search
  English  ▼

X  

RMS132UAW Datasheet(PDF) 3 Page - Emerging Memory & Logic Solutions Inc

Part # RMS132UAW
Description  512K x 32Bits x 2Banks Low Power Synchronous DRAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

RMS132UAW Datasheet(HTML) 3 Page - Emerging Memory & Logic Solutions Inc

  RMS132UAW Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc RMS132UAW Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc RMS132UAW Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc RMS132UAW Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc RMS132UAW Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc RMS132UAW Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc RMS132UAW Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc RMS132UAW Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc RMS132UAW Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Advance Information
The specifications of this device are subject to change without notice. For latest documentation see http://www.emlsi.com.
3
RMS132UAW
Table3: Pin Descriptions
No connection.
No Connection
NC
Power supply for output buffers.
Data Output Power/Ground
VDDQ/VSSQ
Power supply for internal circuits and input buffers.
Power Supply/Ground
VDD/VSS
Multiplexed data input/output pin.
Data Input/Output
DQ0~DQ31
Controls output buffers in read mode and masks input data in
write mode.
Data Input/Output Mask
DQM0~DQM3
RAS, CAS and WE define the operation.
Refer function truth table for details.
Row Address Strobe,
Column Address Strobe,
Write Enable
/RAS, /CAS, /WE
Row Address
: RA0~RA10
Column Address
: CA0~CA7
Auto Precharge
: A10
Address
A0~A10
Selects bank to be activated during RAS activity.
Selects bank to be read/written during CAS activity.
Bank Address
BA
Enable or disable all inputs except CLK, CKE and DQM.
Chip Select
/CS
Controls internal clock signal and when deactivated, the SDRAM
will be one of the states among power down, suspend or self
refresh.
Clock Enable
CKE
The system clock input. All other inputs are registered to the
SDRAM on the rising edge CLK.
System Clock
CLK
Descriptions
Pin Name
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com