Electronic Components Datasheet Search
  English  ▼

X  

RMS132AW Datasheet(PDF) 17 Page - Emerging Memory & Logic Solutions Inc

Part # RMS132AW
Description  512K x 32Bits x 2Banks Low Power Synchronous DRAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

RMS132AW Datasheet(HTML) 17 Page - Emerging Memory & Logic Solutions Inc

Back Button RMS132AW Datasheet HTML 13Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 14Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 15Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 16Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 17Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 18Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 19Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 20Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 21Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
Advance Information
The specifications of this device are subject to change without notice. For latest documentation see http://www.emlsi.com.
17
RMS132AW
Table7: CKE Truth Table
4
Refer to the Idle State
section of the Current State
Truth Table
X
X
X
H
H
H
All
Banks
Idle
4
X
X
H
L
H
H
4
X
H
L
L
H
H
Auto Refresh
X
X
H
L
L
L
H
H
5
Mode Register Set
OP CODE
L
L
L
L
H
H
4
Refer to the Idle State
section of the Current State
Truth Table
X
X
X
H
L
H
4
X
X
H
L
L
H
4
X
H
L
L
L
H
5
Entry Self Refresh
X
X
H
L
L
L
L
H
Mode Register Set
OP CODE
L
L
L
L
L
H
5
Power Down
X
X
X
X
X
X
X
L
Refer to Operations of the
Current State Truth Table
X
X
X
X
X
X
H
H
Any
State
other
than
listed
above
Begin Clock Suspend next
cycle
X
X
X
X
X
X
L
H
Exit Clock Suspend next
cycle
X
X
X
X
X
X
H
L
Maintain Clock Suspend
X
X
X
X
X
X
L
L
X
X
L
X
X
X
X
X
L
X
X
X
H
H
H
L
Maintain Deep Power Down
Mode
Deep Power Down Mode Set
INVALID
ILLEGAL
Exit Self Refresh with No
Operation
Exit Self Refresh with Device
Deselect
INVALID
X
X
X
X
X
X
X
X
A0-A10
BA
/WE
/CAS
/RAS
/CS
Current
Cycle
Prev
Cycle
X
X
X
X
X
L
L
6
X
X
X
X
X
H
L
2
X
X
X
X
X
X
H
Deep
Power
Down
Maintain Power Down Mode
X
X
X
X
X
X
L
L
3
ILLEGAL
X
X
X
X
L
L
H
L
3
Power Down Mode Exit, All
Banks Idle
X
X
X
X
X
H
H
L
2
INVALID
X
X
X
X
X
X
X
H
Power
Down
Maintain Self Refresh
X
X
X
X
X
X
L
L
3
ILLEGAL
X
X
X
X
L
L
H
L
3
ILLEGAL
X
X
L
H
L
H
L
3
X
L
H
H
L
H
L
3
X
H
H
H
L
H
L
3
X
X
X
X
H
H
L
2
X
X
X
X
X
X
H
Self
Refresh
Note
Action
Command
CKE
Current
State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com