Electronic Components Datasheet Search
  English  ▼

X  

RMS132AW Datasheet(PDF) 24 Page - Emerging Memory & Logic Solutions Inc

Part # RMS132AW
Description  512K x 32Bits x 2Banks Low Power Synchronous DRAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

RMS132AW Datasheet(HTML) 24 Page - Emerging Memory & Logic Solutions Inc

Back Button RMS132AW Datasheet HTML 18Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 19Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 20Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 21Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 22Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 23Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 24Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 25Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 26Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
Advance Information
The specifications of this device are subject to change without notice. For latest documentation see http://www.emlsi.com.
24
RMS132AW
Temperature Compensated Self Refresh
Temperature Compensated Self Refresh allows the controller to program the Refresh interval during SELF REFRESH mode, according to
the case temperature of the Low Power SDRAM device. This allows great power savings during SELF REFRESH during most operating
temperature ranges. Only during extreme temperatures would the controller have to select a TCSR level that will guarantee data during
SELF REFRESH.
Every cell in the DRAM requires refreshing due to the capacitor losing its charge over time. The refresh rate is dependent on
temperature. At higher temperatures a capacitor loses charge quicker than at lower temperatures, requiring the cells to be refreshed
more often. Historically, during Self Refresh, the refresh rate has been set to accommodate the worst case, or highest temperature
range expected.
Thus, during ambient temperatures, the power consumed during refresh was unnecessarily high, because the refresh rate was set to
accommodate the higher temperatures. Setting M4 and M3, allow the DRAM to accommodate more specific temperature regions during
SELF REFRESH. There are four temperature settings, which will vary the SELF REFRESH current according to the selected temperature.
This selectable refresh rate will save power when the DRAM is operating at normal temperatures.
Partial Array Self Refresh
For further power savings during SELF REFRESH, the PASR feature allows the controller to select the amount of memory that will be
refreshed during SELF REFRESH. The refresh options are Two Bank;all two banks, One Bank;bank 0. WRITE and READ commands can
still occur during standard operation, but only the selected banks will be refreshed during SELF REFRESH. Data in banks that are
disabled will be lost.
Deep Power Down
Deep Power Down is an operating mode to achieve maximum power reduction by eliminating the power of the whole memory array of
the devices. Data will not be retained once the device enters Deep Power Down Mode.
This mode is entered by having all banks idle then /CS and /WE held low with /RAS and /CAS held high at the rising edge of the clock,
while CKE is low. This mode is exited by asserting CKE high.
Special Operation for Low Power Consumption



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com