Electronic Components Datasheet Search
  English  ▼

X  

LMH6560 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6560
Description  Quad, High-Speed, Closed-Loop Buffer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6560 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMH6560 Datasheet HTML 1Page - National Semiconductor (TI) LMH6560 Datasheet HTML 2Page - National Semiconductor (TI) LMH6560 Datasheet HTML 3Page - National Semiconductor (TI) LMH6560 Datasheet HTML 4Page - National Semiconductor (TI) LMH6560 Datasheet HTML 5Page - National Semiconductor (TI) LMH6560 Datasheet HTML 6Page - National Semiconductor (TI) LMH6560 Datasheet HTML 7Page - National Semiconductor (TI) LMH6560 Datasheet HTML 8Page - National Semiconductor (TI) LMH6560 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
5V Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = +5V, V− = 0V, V
O =VCM =V
+/2 and R
L = 100
Ω to V+/2.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 9)
Typ
(Note 8)
Max
(Note 9)
Units
Distortion And Noise Performance
HD2
2
nd Harmonic Distortion
V
O =2VPP; f = 20MHz
−52
dBc
HD3
3
rd Harmonic Distortion
V
O =2VPP; f = 20MHz
−54
dBc
THD
Total Harmonic Distortion
V
O =2VPP; f = 20MHz
−50
dBc
e
n
Input-Referred Voltage Noise
f = 1MHz
3
nV/
CP
1dB Compression Point
f = 10MHz
+14
dBm
CT
Amplifier Crosstalk
Receiving Amplifier:
R
S =50
Ω to V+/2; f = 10MHz
−55
dB
SNR
Signal to Noise Ratio
V
O =1VPP; f = 5MHz
120
dB
AGM
Amplifier Gain Matching
V
O =1VPP
R
L =2k
Ω to V+/2; f = 5MHz
0.5
dB
Static, DC Performance
A
CL
Small Signal Voltage Gain
V
O = 100mVPP
R
L = 100
Ω to V+/2
0.97
0.994
V/V
V
O = 100mVPP
R
L =2k
Ω to V+/2
0.99
0.998
V
OS
Input Offset Voltage
2
13
15
mV
TC V
OS
Temperature Coefficient Input
Offset Voltage
(Note 12)
2
µV/˚C
I
B
Input Bias Current
(Note 10)
−5
−5.5
−2.5
µA
TC I
B
Temperature Coefficient Input
Bias Current
(Note 12)
1.3
nA/˚C
R
OUT
Output Resistance
R
L = 100
Ω to V+/2; f = 100kHz
1.7
Ω
R
L = 100
Ω to V+/2; f = 10MHz
2.0
PSRR
Power Supply Rejection Ratio
V
S = +5V to VS = +5.5V;
V
IN =VS/2
48
45
67
dB
I
S
Supply Current All 4 Buffer
No Load
21
26
30
mA
Miscellaneous Performance
R
IN
Input Resistance
16
k
Ω
C
IN
Input Capacitance
2
pF
V
O
Output Swing Positive
R
L = 100
Ω to V+/2
3.74
3.70
3.85
V
R
L =2k
Ω to V+/2
3.92
3.90
3.96
Output Swing Negative
R
L = 100
Ω to V+/2
1.15
1.22
1.27
V
R
L =2k
Ω to V+/2
1.04
1.08
1.10
I
SC
Output Short Circuit Current
Sourcing: V
IN =V
+;V
O =V
+/2
−40
mA
Sinking: V
IN =V
−;V
O =V
+/2
22
I
O
Linear Output Current
Sourcing: V
IN -VO = 0.5V
(Note 10)
−50
−40
−64
mA
Sinking: V
IN -VO = −0.5V
(Note 10)
30
20
45
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com