Electronic Components Datasheet Search
  English  ▼

X  

LMH6560 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6560
Description  Quad, High-Speed, Closed-Loop Buffer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6560 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMH6560 Datasheet HTML 1Page - National Semiconductor (TI) LMH6560 Datasheet HTML 2Page - National Semiconductor (TI) LMH6560 Datasheet HTML 3Page - National Semiconductor (TI) LMH6560 Datasheet HTML 4Page - National Semiconductor (TI) LMH6560 Datasheet HTML 5Page - National Semiconductor (TI) LMH6560 Datasheet HTML 6Page - National Semiconductor (TI) LMH6560 Datasheet HTML 7Page - National Semiconductor (TI) LMH6560 Datasheet HTML 8Page - National Semiconductor (TI) LMH6560 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
3V Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 3V, V− = 0V, V
O =VCM =V
+/2 and R
L = 100
Ω to V+/2.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 9)
Typ
(Note 8)
Max
(Note 9)
Units
Frequency Domain Response
SSBW
Small Signal Bandwidth
V
O < 0.5VPP
265
MHz
GFN
Gain Flatness < 0.1dB
V
O < 0.5VPP
40
MHz
FPBW
Full Power Bandwidth (−3dB)
V
O =1VPP (+4.5dBm)
115
MHZ
Time Domain Response
t
r
Rise Time
1V Step (20-80%)
1.1
ns
t
f
Fall Time
1.3
ns
t
s
Settling Time to 0.1%
1V Step
11
ns
OS
Overshoot
0.5V Step
0
%
SR
Slew Rate
(Note 11)
480
V/µs
Distortion And Noise Performance
HD2
2
nd Harmonic Distortion
V
O = 0.5VPP; f = 20MHz
−55
dBc
HD3
3
rd Harmonic Distortion
V
O = 0.5VPP; f = 20MHz
−61
dBc
THD
Total Harmonic Distortion
V
O = 0.5VPP; f = 20MHz
−54
dBc
e
n
Input-Referred Voltage Noise
f = 1MHz
3
nV/
CP
1dB Compression Point
f = 10MHz
+4
dBm
CT
Amplifier Crosstalk
Receiving Amplifier:
R
S =50
Ω to V+/2; f = 10MHz
−55
dB
SNR
Signal to Noise Ratio
f = 5MHz; V
O =1VPP
120
dB
AGM
Amplifier Gain Matching
R
L =2k
Ω to V+/2;
f = 5MHz; V
O =1VPP
0.4
dB
Static, DC Performance
A
CL
Small Signal Voltage Gain
V
O = 100mVPP
R
L = 100
Ω to V+/2
0.97
0.99
V/V
V
O = 100mVPP
R
L =2k
Ω to V+/2
0.99
0.997
V
OS
Input Offset Voltage
1.6
8
10
mV
TC V
OS
Temperature Coefficient Input
Offset Voltage
(Note 12)
2.6
µV/˚C
I
B
Input Bias Current
(Note 10)
−3
−3.5
−1.4
µA
TC I
B
Temperature Coefficient Input
Bias Current
(Note 12)
0.3
nA/˚C
R
OUT
Output Resistance
R
L = 100
Ω to V+/2; f = 100kHz
2.1
Ω
R
L = 100
Ω to V+/2; f = 10MHz
2.8
PSRR
Power Supply Rejection Ratio
V
S = +3V to VS = +3.5V;
V
IN =VS/2
48
46
65
dB
I
S
Supply Current, All 4 Buffers
No Load
11
15
18
mA
Miscellaneous Performance
R
IN
Input Resistance
17
k
Ω
C
IN
Input Capacitance
2
pF
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com