Electronic Components Datasheet Search
  English  ▼

X  

RT9165 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9165
Description  150mA 3-Terminal Positive Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9165 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9165 Datasheet HTML 1Page - Richtek Technology Corporation RT9165 Datasheet HTML 2Page - Richtek Technology Corporation RT9165 Datasheet HTML 3Page - Richtek Technology Corporation RT9165 Datasheet HTML 4Page - Richtek Technology Corporation RT9165 Datasheet HTML 5Page - Richtek Technology Corporation RT9165 Datasheet HTML 6Page - Richtek Technology Corporation RT9165 Datasheet HTML 7Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
RT9165
1
DS9165-16 April 2008
www.richtek.com
Features
Low Dropout, Maximum 1.3V at 150mA
Fast Transient Response
±3% Total Output Regulation
0.5% Line Regulation
0.5% Load Regulation
SOT-89 and TO-92 Packages
RoHS Compliant and 100% Lead (Pb)-Free
Pin Configurations
Applications
5V or 8V Output Linear Regulator
Consumer Equipment Power Supply
150mA 3-Terminal Positive Regulator
Ordering Information
General Description
The RT9165 is a positive low dropout regulator designed
for applications requiring low dropout performance at full
rated current. The device is available in fixed output
voltage of 5.0V or 8.0V. The RT9165 provides excellent
regulation over line, load, and temperature variations.
The other features include low dropout performance at a
maximum of 1.3V at 150mA, fast transient response,
internal current limiting, and thermal shutdown protection
of the output devices. The RT9165 is a three-terminal
regulator compatible with industrial LM78L05/L08 and
available in surface mount SOT-89 package.
(TOP VIEW)
RT9165-xZ
TO-92
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area, otherwise visit our website for detail.
RT9165-
xX
SOT-89
2
3
VOUT
GND
VIN
VOUT GND
(TAB)
VIN
12
3
Note :
Richtek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100%matte tin (Sn) plating.
RT9165-
Package Type
Z : TO-92
X : SOT-89
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)
Output Voltage
Default : 5.0V
80 : 8.0V


Similar Part No. - RT9165

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9165 ETC-RT9165 Datasheet
144Kb / 6P
150MA 3- TERMINAL POSITIVE REGULATOR
logo
Richtek Technology Corp...
RT9165 RICHTEK-RT9165 Datasheet
135Kb / 7P
150mA 3-Terminal Positive Regulator
logo
List of Unclassifed Man...
RT9165-80CX ETC-RT9165-80CX Datasheet
144Kb / 6P
150MA 3- TERMINAL POSITIVE REGULATOR
RT9165-80CZ ETC-RT9165-80CZ Datasheet
144Kb / 6P
150MA 3- TERMINAL POSITIVE REGULATOR
logo
Richtek Technology Corp...
RT9165-80GX RICHTEK-RT9165-80GX Datasheet
135Kb / 7P
150mA 3-Terminal Positive Regulator
More results

Similar Description - RT9165

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2930 NSC-LM2930 Datasheet
251Kb / 8P
3-Terminal Positive Regulator
LM330 NSC-LM330 Datasheet
254Kb / 5P
3-Terminal Positive Regulator
logo
List of Unclassifed Man...
RT9165 ETC-RT9165 Datasheet
144Kb / 6P
150MA 3- TERMINAL POSITIVE REGULATOR
logo
Continental Device Indi...
CL7808DT CDIL-CL7808DT Datasheet
189Kb / 4P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
GTM CORPORATION
GI78LXX GTM-GI78LXX Datasheet
302Kb / 6P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
GI78MXX GTM-GI78MXX Datasheet
167Kb / 5P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Richtek Technology Corp...
RT9165 RICHTEK-RT9165 Datasheet
135Kb / 7P
150mA 3-Terminal Positive Regulator
logo
Texas Instruments
LM2930 TI-LM2930_15 Datasheet
1Mb / 13P
3-Terminal Positive Regulator
LM140K TI1-LM140K_16 Datasheet
1Mb / 14P
3-Terminal Positive Regulator
LM330-N TI1-LM330-N_14 Datasheet
1Mb / 11P
3-Terminal Positive Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com