Electronic Components Datasheet Search
  English  ▼

X  

RT9165 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9165
Description  150mA 3-Terminal Positive Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9165 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9165 Datasheet HTML 1Page - Richtek Technology Corporation RT9165 Datasheet HTML 2Page - Richtek Technology Corporation RT9165 Datasheet HTML 3Page - Richtek Technology Corporation RT9165 Datasheet HTML 4Page - Richtek Technology Corporation RT9165 Datasheet HTML 5Page - Richtek Technology Corporation RT9165 Datasheet HTML 6Page - Richtek Technology Corporation RT9165 Datasheet HTML 7Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RT9165
2
DS9165-16 April 2008
www.richtek.com
Function Block Diagram
Typical Application Circuit
Functional Pin Description
Pin Name
Pin Function
VOUT
Output Voltage
GND
Ground
VIN
Power Input
RT9165
GND
10uF
10uF
V
IN
V
OUT
VIN
VOUT
C
IN
C
OUT
Current
Limiting
Sensor
Thermal
Shutdown
R4
Q1
Q2
R3
R1
R2
Buffer
Amplifier
-
Error
Amplifier
V
IN
V
OUT



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com