Electronic Components Datasheet Search
  English  ▼

X  

HF3 Datasheet(PDF) 11 Page - Tyco Electronics

Part # HF3
Description  Signal and RF Relays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

HF3 Datasheet(HTML) 11 Page - Tyco Electronics

Back Button HF3 Datasheet HTML 4Page - Tyco Electronics HF3 Datasheet HTML 5Page - Tyco Electronics HF3 Datasheet HTML 6Page - Tyco Electronics HF3 Datasheet HTML 7Page - Tyco Electronics HF3 Datasheet HTML 8Page - Tyco Electronics HF3 Datasheet HTML 9Page - Tyco Electronics HF3 Datasheet HTML 10Page - Tyco Electronics HF3 Datasheet HTML 11Page - Tyco Electronics HF3 Datasheet HTML 12Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AXICOM
Telecom-, Signal and RF Relays
HF3 Relay
108-98000 Rev. C
All specifications subject to change. Consult Tyco Electronics for latest specifications.
11 of 1
IM Relays
4th generation slim line – low profile polarized 2 c/o telecom relay with
bifurcated contacts, available as non latching or latching relay with 1
coil. Nominal voltage range from 1.5 ... 24 V, coil power consumption of
50 ... 200 mW, latching relays with 1 coil 100 mW. The IM relay is availa-
ble as through hole and surface mount type (J-Legs and Gull Wings)
and capable to switch loads up to 60 W/62,5 VA. It is currently the only
2 A rated 4G relay on the market. Dielectric strength fulfills the Telcordia
requirements according GR 1089 (2,5 kV – 2 / 10 μs) and FCC part 68
(1,5 kV – 10 / 160 μs). The IM relay is tested according CECC/IECQ and
certified in accordance with IEC/EN 60950 and UL 60950. Dimensions
approx. 10 x 6 mm board space and 5.65 mm height.
P2 Relays
3rd generation polarized 2 c/o telecom relay with bifurcated contacts,
available as non latching or latching relay with 1 or 2 coils. Nominal
voltage range from 3 ... 24 V, coil power consumption 140 mW, lat-
ching relays with 1 coil 70 mW. The P2 Relay is available as through
hole or surface mount type and capable to switch currents up to 5 A.
Dielectric strength fulfills the Telcordia requirements according GR
1089 (2,5 kV – 2 / 10 μs) and FCC part 68 (1,5 kV – 10 / 160 μs). The P2
relay is tested according CECC/IECQ and certified in accordance with
IEC/EN 60950 and UL 60950. Dimensions approx. 15 x 7,5 mm board
space and 10 mm height.
FX2 Relays
3rd generation polarized 2 c/o telecom relay with bifurcated contacts,
available as non latching or latching relay with 1 coil. Nominal voltage
range from 3 ... 48 V, coil power consumption of 80 ... 260 mW for
the high sensitive version, 140... 300 mW for the standard version,
latching relays with 1 coil 100 mW. The FX2 relay is available as
through hole type and capable to switch loads up to 60 W/62,5 VA.
Dielectric strength fulfills the Telcordia requirements according GR
1089 (2,5 kV – 2 / 10 μs) and FCC part 68 (1,5 kV – 10 / 160 μs). The
FX2 relay is tested according CECC/IECQ and certified in accordance
with IEC/EN 60950 and UL 60950. Dimensions approx. 15 x 7,5 mm
board space and 10,7 mm height.
FT2 / FU2 Relays
3rd generation non polarized, non latching 2 c/o telecom relay with
bifurcated contacts. Nominal voltage range from 3 ... 48 V, coil power
consumption 200 ... 300 mW. Most sensitive 48 V relay. Available as
through hole and surface mount type. Dielectric strength fulfills the
Telcordia requirements according GR 1089 (2,5 kV – 2 / 10 μs) and FCC
part 68 (1,5 kV – 10 / 160 μs). The FT2/FU2 relay is tested according
CECC/IECQ and certified in accordance with IEC/EN 60950 and UL 60950.
Dimensions approx. 15 x 7,5 mm board space and 10 mm height.
FP2 Relays
3rd generation polarized 2 c/o telecom relay with bifurcated contacts,
available as non latching or latching relay with 1 or 2 coils. Nominal
voltage range from 3 ... 48 V, coil power consumption of 80 ... 260
mW for the high sensitive version, 140... 300 mW for the standard
version, latching relays with 1 coil 100 mW.. The FP2 Relay is available
as through hole type and capable to switch loads up to 60 W/62,5 VA.
Dielectric strength fulfills FCC part 68 (1,5 kV – 10 / 160 μs). The FP2
is tested according CECC/IECQ approved. Dimensions approx. 14 x
9 mm board space and 5 mm height.
MT2
2nd generation non polarized, non latching 2 c/o telecom and si-
gnal relay with bifurcated contacts. Nominal voltage range from
3 ... 48 V, coil power consumption 150/200/300/400 and 550 mW.
Dielectric strength fulfills the requirements according FCC part 68
(1,5 kV – 10 / 160 μs).
Dimensions approx. 20 x 10 mm board space and 11 mm height.
D2n Relays
2nd generation non polarized 2 c/o relay for telecom and various
other applications. Nominal voltage range from 3 ... 48 V, coil pow-
er consumption from 150 .... 500 mW. The D2n relay is capable to
switch currents up to 3 A. Dielectric strength fulfills the requirements
according FCC part 68 (1,5 kV – 10 / 160 μs). Dimensions approx. 20
x10 mm board space and 11 mm height.
P1 Relays
Extremely sensitive, polarized 1 c/o relay with bifurcated contacts for a
wide range of applications, available as non latching or latching relay
with 1 or 2 coils. Nominal voltage range from 3 ... 24 V, coil power
consumption 65 mW, latching relays with 1 coil 30 mW. The P1 relay
is available as through hole or surface mount type and capable to
switch currents up to 1 A. Dielectric strength fulfills the requirements
according FCC part 68 (1,5 kV – 10 / 160 μs). Dimensions approx. 13
x 7,6 mm board space and 7 mm height for THT or 8 mm height for
SMT version.
W11 Relays
Low cost, non polarized 1 c/o relay for various applications. Nominal
voltage range from 3 ... 24 V, coil power consumption 450 mW, sen-
sitive versions 200 mW. The W11 relay is capable to switch currents
up to 3 A. Dielectric strength 1000 Vrms. Dimensions approx. 15,6 x
10,6 mm board space and 11,5 mm height.
Reed Relays
High sensitive, non polarized relay for telecom and various other
applications, available with 1 n/o, 2 n/o or 1c/o contacts. Nominal
voltage range from 5 ... 24 V, coil power consumption 50...280 mW
for 1 n/o and 125 ... 280 mW for 2 n/o or 1 c/o versions. Reedrelays are
available in DIP or SIL housing and capable to switch currents up to
0,5 A. Integrated diode and/or electrostatic shield optional. Dielectric
strength 1500 Vdc. Dimensions approx. 19,3 x 7 mm board space and
5 ... 7,5 mm height for DIP or 19,8 x 5 mm board space and 7,8 mm
height for SIL version.
Cradle Relays
Extremely reliable and mature relay family of 1st generation for
various signal switching applications. Available as non polarized,
polarized / latching and relay with AC coil. The benefit is the possibility
of combining various contact sets from 1 up to 6 poles, single and bi-
furcated contacts, different contact materials with a coil voltage range
from 1,5 Vdc to 220 Vac. Cradle relays are available as dust protected
and hermetically sealed versions, with plug in or solder terminals
and are capable to switch currents up to 5 A. Forcibly guided (linked)
contact sets optional. Dielectric strength 500 Vrms. Dimensions from
approx. 19 x 24 to 19x35 mm board space and 30 mm height.
Other Relays
We offer a variety of different relay families for maintenance and
replacement purposes. These relays are up to 60 years old now, such
as Card Relay SN (V23030 / V23031 series), Small General Purpose
Relay (V23006 series), Small Polarized Relay (V23063 ... V23067 and
V23163 ... V23167 series). Accessories like sockets, hold down springs,
etc. optional.
HF3 Relay
High performance low cost RF relay with excellent RF characteristics.
Available with an impedance of 50 and 75 Ohm. Suitable for frequen-
cies up to 3 GHz. Actually smallest RF relay available combining small
size, excellent RF performance and SMD solderability. Available as non
latching or latching relay with 1 or 2 coils and a nominal coil voltage
range from 3 ... 24 V, coil power consumption 140 mW, latching relays
with 1 coil 70 mW. Dimensions 14.6 x 7.3 x 10 mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com