Electronic Components Datasheet Search
  English  ▼

X  

HF3 Datasheet(PDF) 4 Page - Tyco Electronics

Part # HF3
Description  Signal and RF Relays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

HF3 Datasheet(HTML) 4 Page - Tyco Electronics

  HF3 Datasheet HTML 1Page - Tyco Electronics HF3 Datasheet HTML 2Page - Tyco Electronics HF3 Datasheet HTML 3Page - Tyco Electronics HF3 Datasheet HTML 4Page - Tyco Electronics HF3 Datasheet HTML 5Page - Tyco Electronics HF3 Datasheet HTML 6Page - Tyco Electronics HF3 Datasheet HTML 7Page - Tyco Electronics HF3 Datasheet HTML 8Page - Tyco Electronics HF3 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AXICOM
Telecom-, Signal and RF Relays
HF3 Relay
108-98000 Rev. C
All specifications subject to change. Consult Tyco Electronics for latest specifications.
 of 1
Dimensions
Dimensions in mm
50 Ohm Version
75 Ohm Version
AXICOM
CZECH
HF3 27
24V DC 10640
AXICOM
CZECH
HF3 27
24V DC 10640
Solder pad layout View onto the component side of the PCB (Top view)
Dimensions in mm
50 Ohm Version
75 Ohm Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com