Electronic Components Datasheet Search
  English  ▼

X  

LNH Datasheet(PDF) 1 Page - Tyco Electronics

Part # LNH
Description  Miniature Power Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

LNH Datasheet(HTML) 1 Page - Tyco Electronics

  LNH Datasheet HTML 1Page - Tyco Electronics LNH Datasheet HTML 2Page - Tyco Electronics LNH Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
1
Miniature Power Relay LN / LNH
I 1 pole 10 A / 16 A, 1 CO or 1 NO contact
I High performance 10 A version (LN1)
I 16 A High capacity version available (LN3)
I Version for HOT-applications (LNH)
I Flux proof
I Plastic materials according to IEC60335-1 (domestic appliances)
I RoHS compliant (Directive 2002/95/EC)
as per product date code 0424
Applications
Domestic appliances
Approvals
V REG.-Nr. 40004596, Z E214025
Technical data of approved types on request
Contact data
LN1
LN3
LNH
Contact configuration
1 CO or 1 NO 1 CO or 1 NO 1 CO or 1 NO
Contact set
single contact
Type of interruption
micro-disconnection
Rated current
10 A
16 A1)
10 A
Rated voltage / max.switching voltage AC
240/400 VAC
240/400 VAC
240/400 VAC
Maximum breaking capacity AC
2500 VA
4000 VA
2500 VA
Limiting making capacity, max 4 s, df 10%
35 A
35 A
35 A
Contact material
AgSnO2
AgSnO2
AgSnO2
(AgCdO)
Mechanical endurance
10x106 cycles
Rated frequency of operation with / without load
30/300 min-1
Contact ratings
Type
Load
Cycles
LN1
10 A, 250V, 85 °C, resistive, EN61810-1
250x103
LN3
16 A, 250V, 85 °C, resistive, EN61810-1
50x1031)
LNH NO 10 A, 250V, 105 °C, resistive, EN61810-1
200x103
LNH NO 8 A, 250V, 105 °C, resistive, EN61810-1
250x103
1)
For 16 A at 85°C: coil power reduction to 50% necessary
For 16A with 100% coil power: max. ambient temperature 75°C
For 100% coil power at 85°C: max. contact current 15A
Coil data
LN1
LN3
LNH
Rated coil voltage range DC coil
6...48 VDC
6...48 VDC
6...48 VDC
Coil power DC coil
typ. 400 mW
typ. 400 mW
typ. 400 mW
Operative range
2
2
Operative voltage range, % of rated coil voltage
90 - 110%
Coil insulation system according UL1446
class F
class F
class F
Coil versions, DC-coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ohm
mW
006
6
4.2
0.6
90+10%
400
009
9
6.3
0.9
202+10%
401
012
12
8.4
1.2
360+10%
400
024
24
16.8
2.4
1440+10%
400
036
36
25.2
3.6
3240+10%
400
048
48
33.6
4.8
5760+10%
400
All figures are given for coil without preenergization, at ambient temperature +23°C
Other coil voltages on request
F0278-A


Similar Part No. - LNH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LNH13005 ETC2-LNH13005 Datasheet
380Kb / 3P
Miniature Power PCB Relay LN/LNH
LNH13006 ETC2-LNH13006 Datasheet
380Kb / 3P
Miniature Power PCB Relay LN/LNH
LNH13009 ETC2-LNH13009 Datasheet
380Kb / 3P
Miniature Power PCB Relay LN/LNH
LNH13012 ETC2-LNH13012 Datasheet
380Kb / 3P
Miniature Power PCB Relay LN/LNH
LNH13024 ETC2-LNH13024 Datasheet
380Kb / 3P
Miniature Power PCB Relay LN/LNH
More results

Similar Description - LNH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ726 ETC-AZ726 Datasheet
77Kb / 2P
MINIATURE POWER RELAY
AZ961 ETC1-AZ961 Datasheet
62Kb / 2P
MINIATURE POWER RELAY
AZ732 ETC1-AZ732 Datasheet
18Kb / 1P
MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ169 ZETTLER-AZ169 Datasheet
168Kb / 2P
MINIATURE POWER RELAY
logo
Tyco Electronics
PTF MACOM-PTF Datasheet
199Kb / 3P
Miniature Power Relay
logo
American Zettler, Inc.
AZ166 AZETTLER-AZ166 Datasheet
115Kb / 3P
MINIATURE POWER RELAY
AZ672 AZETTLER-AZ672 Datasheet
76Kb / 2P
MINIATURE POWER RELAY
AZ725 AZETTLER-AZ725 Datasheet
92Kb / 2P
MINIATURE POWER RELAY
AZ726 AZETTLER-AZ726 Datasheet
120Kb / 2P
MINIATURE POWER RELAY
logo
OEN India Limited
55H-12-1A OENINDIA-55H-12-1A Datasheet
142Kb / 1P
MINIATURE POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com