Electronic Components Datasheet Search
  English  ▼

X  

LNH Datasheet(PDF) 3 Page - Tyco Electronics

Part # LNH
Description  Miniature Power Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

LNH Datasheet(HTML) 3 Page - Tyco Electronics

  LNH Datasheet HTML 1Page - Tyco Electronics LNH Datasheet HTML 2Page - Tyco Electronics LNH Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
3
Miniature Power Relay LN / LNH (Continued)
Product key
Version
Cont. material
Cont.configuration
Coil
Part number
LN133006
LN1
AgSnO2
1 NO contact
6 VDC
0-1721249-1
LN133009
10 A
9 VDC
0-1721249-2
LN133012
85°C
12 VDC
0-1721249-3
LN133024
24 VDC
0-1721249-4
LN133036
36 VDC
0-1721249-5
LN133048
48 VDC
0-1721249-6
LN113006
1 CO contact
6 VDC
0-1721249-7
LN113009
9 VDC
0-1721249-8
LN113012
12 VDC
0-1721249-9
LN113024
24 VDC
1-1721249-0
LN113036
36 VDC
1-1721249-2
LN113048
48 VDC
1-1721249-3
LNH33006
LNH
1 NO contact
6 VDC
0-1721253-2
LNH33009
10 A
9 VDC
0-1721253-3
LNH33012
105°C
12 VDC
0-1721253-4
LNH33024
24 VDC
0-1721253-5
LNH33036
36 VDC
0-1721253-6
LNH33048
48 VDC
0-1721253-7
LNH13006
1 CO contact
6 VDC
0-1721253-9
LNH13009
9 VDC
1-1721253-0
LNH13012
12 VDC
1-1721253-1
LNH13024
24 VDC
1-1721253-2
LNH13036
36 VDC
1-1721253-3
LNH13048
48 VDC
1-1721253-4
Product key
LN
Type
Version
1
10 A, 85°C
3
16 A, 85°C
H
10 A, 105°C
Contact configuration
1
1 CO contact
3
1 NO contatct
Contact material
0
AgCdO
3
AgSnO2
Coil
006
6VDC
024
24 VDC
009
9VDC
036
36 VDC
012
12 VDC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com