Electronic Components Datasheet Search
  English  ▼

X  

HF375 Datasheet(PDF) 7 Page - Tyco Electronics

Part # HF375
Description  Signal and RF Relays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

HF375 Datasheet(HTML) 7 Page - Tyco Electronics

Back Button HF375 Datasheet HTML 3Page - Tyco Electronics HF375 Datasheet HTML 4Page - Tyco Electronics HF375 Datasheet HTML 5Page - Tyco Electronics HF375 Datasheet HTML 6Page - Tyco Electronics HF375 Datasheet HTML 7Page - Tyco Electronics HF375 Datasheet HTML 8Page - Tyco Electronics HF375 Datasheet HTML 9Page - Tyco Electronics HF375 Datasheet HTML 10Page - Tyco Electronics HF375 Datasheet HTML 11Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AXICOM
Telecom-, Signal and RF Relays
HF3 Relay
108-98000 Rev. C
All specifications subject to change. Consult Tyco Electronics for latest specifications.
 of 1
Contact Data
Number of contacts and type
1 changeover (SPDT)
Contact material
Silver, gold-covered
Limiting continuous current at max. ambient temperature
2 A
Maximum switching current
2 A
Maximum swichting voltage
220 Vdc / 250 Vac
Maximum switching capacity
60 W / 62.5 VA / 50 W (2.5 GHz)
Initial contact resistance at10 mA / 20 mV
< 100 mΩ
Mechanical endurance
107 operations
Insulation resistance at 500 VDC
> 100 MΩ
Dielectric test voltage (1 min)
between coil and contacts
between open contacts
1000 Vrms
600 Vrms
Surge voltage resistance according to FCC 68 (10 / 160 μs)
and (2 / 10 μs)
between coil and contacts
between open contacts
1500 V
1000 V
Insulation
Operate time at Unom typ./max.
3 ms / 5 ms
Reset time (latching) at Unom typ. / max.
3 ms / 5 ms
Release time without diode in parallel (non-latching) typ./max.
2 ms / 4 ms
Release time with diode in parallel (non-latching) typ./max.
4 ms / 6 ms
Bounce time at closing contact typ. / max.
1 ms / 3 ms
Maximum switching rate without load
50 operations/s
Ambient temperature
-55 °C ... +85 °C
Thermal resistance
> 165 K/W
Maximum permissable coil temperature
125 °C
Vibration resistance (function)
35 G
10 to 1000 Hz
Shock resistance, half sinus, 11 ms
50 G (function)
150 G (damage)
Degree of protection / Environmental protection
immersion cleanable, IP 67 / RT III
Needle flame test
application time 20 s, burning time < 15 s
Mounting position
any
Processing information
Ultrasonic cleaning is not recommended
Weight (mass)
max. 2,5 g
Terminal surface
SnCu 0.7
Moisture sensitive level (JEDEC J-STD-020B)
MSL 3
Resistance to soldering heat
265 °C/10 s
General Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com