Electronic Components Datasheet Search
  English  ▼

X  

HF375 Datasheet(PDF) 3 Page - Tyco Electronics

Part # HF375
Description  Signal and RF Relays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

HF375 Datasheet(HTML) 3 Page - Tyco Electronics

  HF375 Datasheet HTML 1Page - Tyco Electronics HF375 Datasheet HTML 2Page - Tyco Electronics HF375 Datasheet HTML 3Page - Tyco Electronics HF375 Datasheet HTML 4Page - Tyco Electronics HF375 Datasheet HTML 5Page - Tyco Electronics HF375 Datasheet HTML 6Page - Tyco Electronics HF375 Datasheet HTML 7Page - Tyco Electronics HF375 Datasheet HTML 8Page - Tyco Electronics HF375 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AXICOM
Telecom-, Signal and RF Relays
HF3 Relay
108-98000 Rev. C
All specifications subject to change. Consult Tyco Electronics for latest specifications.
3 of 1
High performance low cost plastic sealed high frequency
relay for 50 and 75 Ohm systems, 1 pole, polarized coil
Surface Mount Technology (SMT)
Relay types: non latching
latching 1 coil
latching 2 coils
ROHS compliant (Directive 2002/95/EC) all date codes.
Features
•
Y-Design
•
Frequency range DC to 3 GHz
•
Impendance 50 Ω or 75 Ω
•
Small dimensions (14.6 mm x 7.2 mm x 10 mm)
•
1 change over contact (1 form C / SPDT)
•
Immersion cleanable
•
Low power consumption (≤140 mW)
Typical applications
•
Cable modems and linecards/ CATV
•
TAP's
•
Measurement and test equipment ATE
•
Satellite / audio / video tuners
•
Wireless base stations and antennas



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com