Electronic Components Datasheet Search
  English  ▼

X  

T7S Datasheet(PDF) 1 Page - Tyco Electronics

Part # T7S
Description  Miniature Power PCB Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

T7S Datasheet(HTML) 1 Page - Tyco Electronics

  T7S Datasheet HTML 1Page - Tyco Electronics T7S Datasheet HTML 2Page - Tyco Electronics T7S Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet
Rev. GB1
Issued 2007/02
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
1
Miniature Power PCB Relay T7S
I 1pole 10 / 6 A, 1CO or 1NO contact
I Sensitive 360 mW coil
I Version T7S-WG with tracking resistance PTI 325
on relay base and cover
I WG version: Product in accordance to IEC60335-1
I RoHS compliant (Directive 2002/95/EC) as per
product date code 0424
Applications
Domestic appliances, heating control, building control,
measurement&control
Approvals
T7S / T7S-WG:
V B265 Z E82292
Technical data of approved types on request
Contact data
T7S**E
T7S**H
Contact configuration
1 CO or 1 NO
Contact set
single contact
Type of interruption
micro-disconn.
Rated current
10 A
6 A
Rated voltage / max.switching voltage AC
240/400 VAC
Maximum breaking capacity AC
2500 VA
Contact material
AgZnO / AgNi 90/10
Mechanical endurance
10x106 cycles
Rated frequency of operation with / without load
10/300 min-1
Contact ratings
Type
Load
Cycles
T7SV5E
C/O (N/O tested): 10 A, 250VAC, 85°C, resistive, EN61810-1
50x103
T7SV5H
C/O (N/O tested): 6 A, 250VAC, 105°C, resistive, EN61810-1
100x103
T7SV5E
C/O (N/O tested): 10 A, 250VAC, 85°C, UL 508
50x103
T7SV5H
C/O (N/O tested): 6 A, 250VAC, 105°C, UL 508
100x103
T7SV5E4
C/O (N/O tested): 10.5 A, 250VAC, 70°C, resistive, EN61810-1
100x103
Coil data
Rated coil voltage range DC coil
5...36 VDC
Coil power DC coil
typ. 360 mW
Operative range
2
Coil insulation system according UL1446
class F
Coil versions, DC-coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ohm
mW
05
5
3.5
0.5
70+10%
357
06
6
4.2
0.6
100+10%
360
09
9
6.3
0.9
225+10%
360
12
12
8.4
1.2
400+10%
360
18*
18
12.6
1.8
900+10%
360
24
24
16.8
2.4
1600+10%
360
36
36
25.2
3.6
3600+10%
360
All figures are given for coil without preenergization, at ambient temperature +23°C
Other coil voltages on request
* versions with 18V coils are not registered at VDE


Similar Part No. - T7S

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
T7S MACOM-T7S Datasheet
138Kb / 3P
Miniature Power PCB Relay T7S
logo
Powerex Power Semicondu...
T7S0 POWEREX-T7S0 Datasheet
641Kb / 4P
Phase Control SCR (650 Amperes Average 1600 Volts)
T7S0166504DN POWEREX-T7S0166504DN Datasheet
641Kb / 4P
Phase Control SCR (650 Amperes Average 1600 Volts)
T7S0186504DN POWEREX-T7S0186504DN Datasheet
626Kb / 4P
Phase Control SCR
T7S0206504DN POWEREX-T7S0206504DN Datasheet
626Kb / 4P
Phase Control SCR
More results

Similar Description - T7S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HG4115 ETC-HG4115 Datasheet
51Kb / 2P
MINIATURE PCB POWER RELAY
logo
DB Lectro Inc
HG4510 DBLECTRO-HG4510 Datasheet
43Kb / 2P
Miniature PCB Power Relay
HG4515 DBLECTRO-HG4515 Datasheet
78Kb / 2P
Miniature PCB Power Relay
logo
Tyco Electronics
MSR MACOM-MSR Datasheet
205Kb / 3P
Miniature Power PCB Relay
PCH MACOM-PCH Datasheet
127Kb / 3P
Miniature Power PCB Relay
T7N MACOM-T7N Datasheet
157Kb / 3P
Miniature Power PCB Relay
logo
American Electronic Com...
DX85-INRUSH AEC-DX85-INRUSH Datasheet
214Kb / 2P
miniature pcb power relay
logo
Picker Components
PC459 PICKER-PC459_17 Datasheet
456Kb / 2P
Miniature PCB Power Relay
logo
Willow Technologies Ltd
DG6D WILLOW-DG6D Datasheet
203Kb / 2P
miniature pcb power relay
DG6L WILLOW-DG6L Datasheet
230Kb / 3P
miniature pcb power relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com