Electronic Components Datasheet Search
  English  ▼

X  

T7S Datasheet(PDF) 3 Page - Tyco Electronics

Part # T7S
Description  Miniature Power PCB Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

T7S Datasheet(HTML) 3 Page - Tyco Electronics

  T7S Datasheet HTML 1Page - Tyco Electronics T7S Datasheet HTML 2Page - Tyco Electronics T7S Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Datasheet
Rev. GB1
Issued 2007/02
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
Miniature Power PCB Relay T7S (Continued)
3
Product key
Version
Cont. material
Cont.configuration
Coil
Part number
T7SV1E6-05
flux proof
AgZnO
1 NO contact
5 VDC
1721382-1
T7SV1E6-06
6 VDC
1721382-2
T7SV1E6-09
9 VDC
1721382-3
T7SV1E6-12
12 VDC
1721382-4
T7SV1E6-24
24 VDC
1721382-5
T7SV5E6-05
1 CO contact
5 VDC
1721381-1
T7SV5E6-06
6 VDC
1721381-2
T7SV5E6-09
9 VDC
1721381-3
T7SV5E6-12
12 VDC
1721381-4
T7SV5E6-24
24 VDC
1721381-5
T7SV1E6-05-WG
flux proof
1 NO contact
5 VDC
2-1721382-5
T7SV1E6-06-WG
according
6 VDC
2-1721382-6
T7SV1E6-09-WG
IEC 60335-1
9 VDC
2-1721382-7
T7SV1E6-12-WG
12 VDC
2-1721382-8
T7SV1E6-24-WG
24 VDC
2-1721382-9
T7SV5E6-05-WG
1 CO contact
5 VDC
2-1721381-5
T7SV5E6-06-WG
6 VDC
2-1721381-6
T7SV5E6-09-WG
9 VDC
2-1721381-7
T7SV5E6-12-WG
12 VDC
2-1721381-8
T7SV5E6-24-WG
24 VDC
2-1721381-9
T7SS1E6-05
wash tight
1 NO contact
5 VDC
1721382-7
T7SS1E6-06
6 VDC
1721382-8
T7SS1E6-09
9 VDC
1721382-9
T7SS1E6-12
12 VDC
1-1721382-0
T7SS1E6-24
24 VDC
1-1721382-1
T7SS5E6-05
1 CO contact
5 VDC
1721381-7
T7SS5E6-06
6 VDC
1721381-8
T7SS5E6-09
9 VDC
1721381-9
T7SS5E6-12
12 VDC
1-1721381-0
T7SS5E6-24
24 VDC
1-1721381-1
T7SS1E6-05-WG
wash tight
1 NO contact
5 VDC
3-1721382-1
T7SS1E6-06-WG
according
6 VDC
3-1721382-2
T7SS1E6-09-WG
IEC 60335-1
9 VDC
3-1721382-3
T7SS1E6-12-WG
12 VDC
3-1721382-4
T7SS1E6-24-WG
24 VDC
3-1721382-5
T7SS5E6-05-WG
1 CO contact
5 VDC
3-1721381-1
T7SS5E6-06-WG
6 VDC
3-1721381-2
T7SS5E6-09-WG
9 VDC
3-1721381-3
T7SS5E6-12-WG
12 VDC
3-1721381-4
T7SS5E6-24-WG
24 VDC
3-1721381-5
T7SV1E4-05
flux proof
AgNi 90/10
1 NO contact
5 VDC
1721735-1
T7SV1E4-06
6 VDC
1721735-2
T7SV1E4-09
9 VDC
1721735-3
T7SV1E4-12
12 VDC
1721733-4
T7SV1E4-24
24 VDC
1721735-5
T7SV5E4-05
1 CO contact
5 VDC
1721734-1
T7SV5E4-06
6 VDC
1721734-2
T7SV5E4-09
9 VDC
1721734-3
T7SV5E4-12
12 VDC
1721734-4
T7SV5E4-24
24 VDC
1721734-5
T7SV1E4-05-WG
flux proof
1 NO contact
5 VDC
2-1721735-5
T7SV1E4-06-WG
according
6 VDC
2-1721735-6
T7SV1E4-09-WG
IEC 60335-1
9 VDC
2-1721735-7
T7SV1E4-12-WG
12 VDC
2-1721735-8
T7SV1E4-24-WG
24 VDC
2-1721735-9
T7SV5E4-05-WG
1 CO contact
5 VDC
2-1721734-5
T7SV5E4-06-WG
6 VDC
2-1721734-6
T7SV5E4-09-WG
9 VDC
2-1721734-7
T7SV5E4-12-WG
12 VDC
2-1721734-8
T7SV5E4-24-WG
24 VDC
2-1721734-9



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com