Electronic Components Datasheet Search
  English  ▼

X  

INA333 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # INA333
Description  Micro-Power (50uA), Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA333 Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA333 Datasheet HTML 5Page - Texas Instruments INA333 Datasheet HTML 6Page - Texas Instruments INA333 Datasheet HTML 7Page - Texas Instruments INA333 Datasheet HTML 8Page - Texas Instruments INA333 Datasheet HTML 9Page - Texas Instruments INA333 Datasheet HTML 10Page - Texas Instruments INA333 Datasheet HTML 11Page - Texas Instruments INA333 Datasheet HTML 12Page - Texas Instruments INA333 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
160
140
120
100
80
60
40
20
0
20
-
0.1
1
10
100
1k
10k
100k
Frequency(Hz)
1M
G=1000
V =5V
S
G=100
G=1
G=10
1200
1000
800
600
400
200
0
200
-
-50
-25
0
25
50
75
100
Temperature( C)
°
150
+I
B
-IB
125
V = 0.9V
±
S
V = 2.75V
±
S
50
45
40
35
30
25
20
15
10
5
0
0
0.5
1.0
1.5
V
(V)
CM
5.0
2.0
V =5V
S
3.0
4.0
2.5
3.5
4.5
V =1.8V
S
250
200
150
100
50
0
50
100
-
-
-50
-25
0
25
50
75
100
Temperature( C)
°
150
125
V = 0.9V
±
S
V = 2.75V
±
S
80
70
60
50
40
30
20
10
0
-50
-25
0
25
50
75
100
Temperature( C)
°
150
125
V =5V
S
V =1.8V
S
(V+)
(V+)
0.25
-
(V+)
0.50
-
(V+)
0.75
-
(V+)
1.00
-
(V+)
1.25
-
(V )+1.75
-
(V )+0.75
-
(V )+1.00
-
(V )+0.50
-
(V )+0.25
-
(V )
-
0
10
30
40
50
60
I
(mA)
OUT
(V+)
1.75
-
(V+)
1.50
-
(V )+1.50
-
(V )+1.25
-
20
+125 C
°
+25 C
°
-
°
40 C
V
S =
2.75V
±
V
S =
0.9V
±
INA333
www.ti.com ...................................................................................................................................................................................................... SBOS445 – JULY 2008
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, RL = 10kΩ, VREF = 0, and G = 1, unless otherwise noted.
NEGATIVE POWER-SUPPLY REJECTION RATIO
INPUT BIAS CURRENT vs TEMPERATURE
Figure 25.
Figure 26.
INPUT BIAS CURRENT vs COMMON-MODE VOLTAGE
INPUT OFFSET CURRENT vs TEMPERATURE
Figure 27.
Figure 28.
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
QUIESCENT CURRENT vs TEMPERATURE
Figure 29.
Figure 30.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): INA333



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com