Electronic Components Datasheet Search
  English  ▼

X  

INA333 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA333
Description  Micro-Power (50uA), Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA333 Datasheet(HTML) 3 Page - Texas Instruments

  INA333 Datasheet HTML 1Page - Texas Instruments INA333 Datasheet HTML 2Page - Texas Instruments INA333 Datasheet HTML 3Page - Texas Instruments INA333 Datasheet HTML 4Page - Texas Instruments INA333 Datasheet HTML 5Page - Texas Instruments INA333 Datasheet HTML 6Page - Texas Instruments INA333 Datasheet HTML 7Page - Texas Instruments INA333 Datasheet HTML 8Page - Texas Instruments INA333 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
ELECTRICAL CHARACTERISTICS: VS = +1.8V to +5.5V
INA333
www.ti.com ...................................................................................................................................................................................................... SBOS445 – JULY 2008
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C, RL = 10kΩ, VREF = 0, and G = 1, unless otherwise noted.
INA333
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT(1)
Offset voltage, RTI(2)
VOSI
±10 ±25/G
±25 ±75/G
µV
vs Temperature
±0.1 ±0.5/G
µV/°C
vs Power supply
PSR
1.8V
≤ VS ≤ 5.5V
±1 ±5/G
±5 ±15/G
µV/V
Long-term stability
See note (3)
Turn-on time to specified VOSI
See Typical characteristics
Impedance
Differential
ZIN
100 || 3
G
Ω || pF
Common-mode
ZIN
100 || 3
G
Ω || pF
Common-mode voltage range
VCM
VO = 0V
(V–) + 0.1
(V+) – 0.1
V
Common-mode rejection
CMR
DC to 60Hz
G = 1
VCM = (V–) + 0.1V to (V+) – 0.1V
80
90
dB
G = 10
VCM = (V–) + 0.1V to (V+) – 0.1V
100
110
dB
G = 100
VCM = (V–) + 0.1V to (V+) – 0.1V
100
115
dB
G = 1000
VCM = (V–) + 0.1V to (V+) – 0.1V
100
115
dB
INPUT BIAS CURRENT
Input bias current
IB
±70
±200
pA
vs Temperature
See Typical Characteristic curve
pA/°C
Input offset current
IOS
±50
±200
pA
vs Temperature
See Typical Characteristic curve
pA/°C
INPUT VOLTAGE NOISE
Input voltage noise
eNI
G = 100, RS = 0Ω
f = 10Hz
50
nV/
√Hz
f = 100Hz
50
nV/
√Hz
f = 1kHz
50
nV/
√Hz
f = 0.1Hz to 10Hz
1
µV
PP
Input current noise
iN
f = 10Hz
100
fA/
√Hz
f = 0.1Hz to 10Hz
2
pAPP
GAIN
Gain equation
G
1 + (100k
Ω/RG)
V/V
Range of gain
1
1000
V/V
Gain error
VS = 5.5V, (V–) + 100mV ≤ VO ≤ (V+) – 100mV
G = 1
±0.01
±0.1
%
G = 10
±0.05
±0.25
%
G = 100
±0.07
±0.25
%
G = 1000
±0.25
±0.5
%
(1)
Total VOS, Referred-to-input = (VOSI) + (VOSO/G).
(2)
RTI = Referred-to-input.
(3)
300-hour life test at +150°C demonstrated randomly distributed variation of approximately 1
µV.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): INA333



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com