Electronic Components Datasheet Search
  English  ▼

X  

40947 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 40947
Description  1 pole 10 A, for high inrush currents, mono- or bistable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

40947 Datasheet(HTML) 1 Page - Tyco Electronics

  40947 Datasheet HTML 1Page - Tyco Electronics 40947 Datasheet HTML 2Page - Tyco Electronics 40947 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Special Load PCB Relay 409 47, 409 67
1 pole 10 A, for high inrush currents,
mono- or bistable
Contact data
Configuration
1 N/O contact
Type of contact
single contact
Rated current
10 A
Rated voltage / max.breaking voltage AC
250 Vac / 400 Vac
Maximum breaking capacity AC
2500 VA
Make current (max. 4 s at duty cycle 10%)
16 A
peak inrush current 10 µs / 20 ms
500 / 120 A
Contact material
W (prerun contact) + AgCdO
Features
• Specifically designed to handle high inrush currents
• Tungsten prerun contact
• 500 A / 10 ms inrush peak current
• 4 kV / 8 mm coil-contact
• meets protection class II requirements
Applications
Dimmer switches, movement sensors, filament loads, halogen
bulbs, motors and electrovalves
Z (409 47 only)
Technical data of approved types on request
Contact ratings
Type
Load
Operations
Standard
409
10 A, 250 Vac, resistive
2.5x105
409
1300 W, fluorescent lamps, 140 µF
3x104
409
2500 W, incandescent lamps
3x104
409
1000 W, Dulux lamps, 140 µF
3x104
Coil data
monostable DC coil
Nominal voltage
5...110 Vdc
Nominal coil power
820 mW
Operate category
2 / b
Coil versions monostable
Coil
Nominal
Pull-in
Release
Maximum
Coil
Coil
code
voltage
voltage
voltage
voltage
resistance
current
Vdc
Vdc
Vdc
Vdc
c
mA
031
12
7.5
0.9
14.2
170+10%
71.0
027
24
18.0
1.8
34.6
880+15%
27.0
024
48
34.5
3.6
60.6
2700+15%
18.0
023
60
41.0
4.5
77.8
4400+15%
14.0
All figures are given for coil without preenergization, at ambient temperature +20°C
Other coil voltages on request
F0249-A


Similar Part No. - 40947

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
4094 MOLEX-4094 Datasheet
69Kb / 2P
KK Mini -2.50mm & 2.54mm Modular Interconnection System
409410CB501 MOLEX2-409410CB501 Datasheet
167Kb / 4P
2.54mm (.100") Pitch KK짰 Wire-to-Board Header, Single Row, Right Angle, 10 Circuits, PA Polyamide Nylon, Gold (Au) Plating
logo
TE Connectivity Ltd
409414-1 TEC-409414-1 Datasheet
4Mb / 4P
SHOULD BE CONTACTED FOR THE LATEST REVISION.
409414-3 TEC-409414-3 Datasheet
5Mb / 4P
THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
More results

Similar Description - 40947

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ8P ZETTLER-AZ8P Datasheet
52Kb / 2P
10 A MINIATURE POWER RELAY BISTABLE (LATCHING)
logo
Tyco Electronics
42903 MACOM-42903 Datasheet
168Kb / 2P
Power PCB Relay 1 pole 10 A, for inrush peak currents up to 80 A
logo
fujitsu semiconductor
JS-12MN-KS FUJITSU-JS-12MN-KS Datasheet
546Kb / 7P
POWER RELAY 1 POLE-8A (65 A HIGH INRUSH CURRENT)
logo
Tyco Electronics
MSR MACOM-MSR_05 Datasheet
174Kb / 3P
High inrush currents with AgSnO contacts
T9A MACOM-T9A Datasheet
242Kb / 3P
1 pole 30 A, 1 NO or 1 CO contact
V23040 MACOM-V23040 Datasheet
906Kb / 7P
For DC Operations, Polarised, Monostable or Bistable
V23040-A00001-B201 MACOM-V23040-A00001-B201 Datasheet
906Kb / 7P
For DC operations, polarised, monostable or bistable
V23040-A0002-B201 MACOM-V23040-A0002-B201 Datasheet
906Kb / 7P
FOR DC OPERATIONS, POLARISED,MONOSTABLE OR BISTABLE
logo
TE Connectivity Ltd
RP3SL TEC-RP3SL Datasheet
287Kb / 3P
For high inrush currents up to 120A
logo
Schneider Electric
K10D004QCH SCHNEIDER-K10D004QCH Datasheet
145Kb / 10P
cam stepping switch - 1 pole - 30째 - 10 A - for 횠 16 or 22 mm
Feb 3, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com