Electronic Components Datasheet Search
  English  ▼

X  

40947 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 40947
Description  1 pole 10 A, for high inrush currents, mono- or bistable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

40947 Datasheet(HTML) 2 Page - Tyco Electronics

  40947 Datasheet HTML 1Page - Tyco Electronics 40947 Datasheet HTML 2Page - Tyco Electronics 40947 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Special Load PCB Relay 409 47, 409 67
1 pole 10 A, for high inrush currents,
mono- or bistable
Insulation
Dielectric strength
coil-contacts
4000 Vrms
open contact circuit
1000 Vrms
Clearance / creepage
8 / 8 mm
Insulation to VDE 0110b (2/79)
Insulation category / reference voltage
C / 250
Tracking resistance of relay base
PTI 250
Other data
Flammability class according to UL 94
V-0
Ambient temperature
-20...+70 °C
Mechanical life
30x106 operations
Max. switching rate at rated- / minimum load
15 min-1 / 1200 min-1
Operate- / release time
typ. 10 / 3 ms
Bounce time
typ. 3 ms
Vibration resistance
20 g (30...300 Hz)
Shock resistance (destruction)
100 g
Category of protection (IEC 61810)
RT II - flux proof
Relay weight
16 g
Packaging unit
25 / 250 pcs.
Coil versions bistable, 1 coil
Coil
Nominal
Pull-in
Reset
Reset
Coil
Coil
code
voltage
voltage
voltage
voltage
resistance
current
Vdc
Vdc
min Vdc
max Vdc
c
mA
032
12
8.9
-2.5
-3.5
118+10%
102.0
029
24
18.0
-5.0
-7.0
457+10%
53.0
All figures are given for coil without preenergization, at ambient temperature +20°C, duty
cycle 20%
Other coil voltages on request
Coil data bistable
1 coil
Nominal voltage
6...100 Vdc
Nominal coil power
0.8...1 W
Minimum energization time
20 ms
Max. energization time
1 min at < 10% duty cycle
PCB layout / terminal assignment
Bottom view on solder pins
Dimensions in mm
Bistable versions:
Indicated contact position during or after coil
energization with reset voltage.
S0163-CX
S0163-BF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com