Electronic Components Datasheet Search
  English  ▼

X  

42910 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 42910
Description  Power PCB Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

42910 Datasheet(HTML) 1 Page - Tyco Electronics

  42910 Datasheet HTML 1Page - Tyco Electronics 42910 Datasheet HTML 2Page - Tyco Electronics 42910 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Power PCB Relay 429 00 / 429 10 / 429 01
1 pole 10 A / 16 A, DC-coil
Contact data
Configuration
1 C/O, 1 N/O or 1 N/C contact
Type of contact
single contact
Rated current
10 A
16 A
Rated voltage / max.breaking voltage AC
250 Vac / 400 Vac
Rated voltage / max.breaking voltage DC
250 Vdc
Maximum breaking capacity AC
2500 VA
4000 VA
Make current (max. 4 s at duty cycle 10%)
20 A
Contact material
AgCdO, AgNi
Features
• 1 C/O, 1 N/O or 1N/C contact
• 15 mm height
• Ambient temperature up to 105°C
• 4 kV / 8 mm coil-contact
Applications
General purpose power relay, timers, heating controls,
domestic appliances
Coil versions C/O contact
Coil
Nominal
Pull-in
Release
Maximum
Coil
Coil
code
voltage
voltage
voltage
voltage
resistance
current
Vdc
Vdc
Vdc
Vdc
c
mA
16
6
4.1
0.4
12.0
80+10%
75.0
13
12
8.1
0.9
24.0
300+10%
40.0
10
18
12.2
1.3
36.0
690+10%
26.1
08
24
16.2
1.8
48.0
1200+10%
20.0
06
36
24.3
2.7
72.0
2600+10%
13.8
05
48
32.4
3.6
96.0
4825+10%
10.0
03
60
40.5
4.5
120.0
7500+10%
8.0
All figures are given for coil without preenergization, at ambient temperature +20°C
Other coil voltages on request
Contact ratings
Type
Load
Operations
1 C/O
42900
16 A, 250 Vac, cos
ϕ=1
3x104
1 N/O, N/C 42900
16 A, 250 Vac, cos
ϕ=1
5x104
1 N/O
42900
10 A, 250 Vac, cos
ϕ=1
3x105
1 C/O
42900
10 A, 400 Vac, cos
ϕ=1
8x104
Coil data
Nominal voltage
DC coil
3...60 Vdc
Nominal coil power
DC coil
0.48 W (C/O), 0.42 W (N/O, N/C)
Operate category
1 / b
F0247-A
VZ S H
Technical data of approved types on request


Similar Part No. - 42910

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4291 POMONA-4291 Datasheet
21Kb / 1P
Adapter, SMA Female To BNC Female
logo
Videk Ltd
4291 VIDEK-4291 Datasheet
1Mb / 1P
Enhanced Category 5 FTP Module
logo
TDK Electronics
4291A TDK-4291A Datasheet
214Kb / 4P
Common mode filters/Chokes
20221215
More results

Similar Description - 42910

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
Power PCB Relay
logo
Omron Electronics LLC
G4W OMRON-G4W Datasheet
180Kb / 6P
PCB Power Relay
G2R OMRON-G2R Datasheet
562Kb / 14P
Power PCB Relay
G8PT OMRON-G8PT Datasheet
2Mb / 8P
Power PCB Relay
G2R-K-1AZ4-TE OMRON-G2R-K-1AZ4-TE Datasheet
2Mb / 14P
PCB Power Relay
G2R-1A-DC12 OMRON-G2R-1A-DC12 Datasheet
656Kb / 12P
Power PCB Relay
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
Power PCB Relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
pcb power relay
DM44 AEC-DM44 Datasheet
236Kb / 2P
pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
pcb power relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com