Electronic Components Datasheet Search
  English  ▼

X  

42910 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 42910
Description  Power PCB Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

42910 Datasheet(HTML) 2 Page - Tyco Electronics

  42910 Datasheet HTML 1Page - Tyco Electronics 42910 Datasheet HTML 2Page - Tyco Electronics 42910 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Power PCB Relay 429 00 / 429 10 / 429 01
1 pole 10 A / 16 A, DC-coil
Insulation
Dielectric strength
coil-contacts
4000 Vrms
open contact circuit
2000 Vrms
Clearance / creepage
> 8 mm
Insulation to IEC 60664
Voltage rating
250 V
Pollution degree
3
Overvoltage category
III
Insulation to VDE 0110b (2/79)
Insulation category / reference voltage
C / 250
Tracking resistance of relay base
PTI 100 M
Other data
Flammability class according to UL 94
V-0
Ambient temperature
DC-coil
-20...+105 °C
Mechanical life
DC-coil
5x106 operations
Operate- / release time
typ. 6 / 2 ms
Bounce time
typ. 3 ms
Shock resistance (destruction)
100 g
Category of protection (IEC 61810)
RT I dust protected
Relay weight
10 g
Packaging unit
50 / 400
Coil versions, 1 N/O or 1 N/C contact
Coil
Nominal
Pull-in
Release
Maximum
Coil
Coil
code
voltage
voltage
voltage
voltage
resistance
current
Vdc
Vdc
Vdc
Vdc
c
mA
66
6
4.1
0.4
13
97+10%
61.8
62
12
8.1
0.9
25
340+10%
35.3
60
18
12.2
1.3
39
800+10%
22.5
58
24
16.2
1.8
52
1400+10%
17.1
56
36
24.3
2.7
78
3050+10%
11.8
55
48
32.4
3.6
104
5600+10%
8.6
53
60
40.5
4.5
130
8700+10%
6.9
All figures are given for coil without preenergization, at ambient temperature +20°C
Other coil voltages on request
Dimensions
View on solder pins
Dimensions in mm
1 C/O contact
S0421-AC
1 N/O contact
S0421-AA
PCB layout / terminal assignment
1 C/O contact, 16 A
S0420-AH
S0420-AC
S0420-AA
1 N/O contact, 16 A
S0420-AF
S0420-AX
S0420-AU
1 C/O contact, 10 A
S0420-AV
1 N/O contact, 10 A
S0420-AS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com