Electronic Components Datasheet Search
  English  ▼

X  

A7101 Datasheet(PDF) 2 Page - AMIC Technology

Part # A7101
Description  2.4GHz FSK Transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A7101 Datasheet(HTML) 2 Page - AMIC Technology

  A7101 Datasheet HTML 1Page - AMIC Technology A7101 Datasheet HTML 2Page - AMIC Technology A7101 Datasheet HTML 3Page - AMIC Technology A7101 Datasheet HTML 4Page - AMIC Technology A7101 Datasheet HTML 5Page - AMIC Technology A7101 Datasheet HTML 6Page - AMIC Technology A7101 Datasheet HTML 7Page - AMIC Technology A7101 Datasheet HTML 8Page - AMIC Technology A7101 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
A7101
Preliminary
2.4GHz FSK Transceiver
PRELIMINARY
(March 2004, Version 0.4)
1
AMIC Technology, Corp.
Typical Applications
Wireless Mouse and Keyboard
2.4GHz ISM Band Communication System
Two way wireless Transceiver
Wireless toy
Wireless Modem
General Description
The A7101 is a monolithic CMOS integrated circuit
intended for use as a low cost FSK transceiver in wireless
applications. The device is provided in 48-lead plastic
QFN7X7 packaging and is designed to function as a
complete FSK transceiver. It is intended for wireless
applications in the 2.4GHz to 2.5GHz ISM band. This chip
features a fully programmable frequency synthesizer with
integrated VCO circuitry.
Pin Configurations
1
2
3
4
5
6
7
8
36
35
34
33
32
31
30
29
VDD_A
RXDATA
BR_RX
NC
RFIO
BP_BUF
TXDATAIN
XTAL1
LIM2INP
LIM1OUT
LIM1INN
LIM1INP
MIXOUT
VDD_VCO
BP_VCO
LIM2INN
A7101
9
XTAL2
10
XTALOUT
11
CAPSW
12
BP_REG
28
VT
27
BR_VCO
26
CHPOUT
25
LD
Figure 1. QFN Package Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com