Electronic Components Datasheet Search
  English  ▼

X  

A7101 Datasheet(PDF) 22 Page - AMIC Technology

Part # A7101
Description  2.4GHz FSK Transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A7101 Datasheet(HTML) 22 Page - AMIC Technology

Back Button A7101 Datasheet HTML 14Page - AMIC Technology A7101 Datasheet HTML 15Page - AMIC Technology A7101 Datasheet HTML 16Page - AMIC Technology A7101 Datasheet HTML 17Page - AMIC Technology A7101 Datasheet HTML 18Page - AMIC Technology A7101 Datasheet HTML 19Page - AMIC Technology A7101 Datasheet HTML 20Page - AMIC Technology A7101 Datasheet HTML 21Page - AMIC Technology A7101 Datasheet HTML 22Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
A7101
PRELIMINARY
(March 2004, Version 0.4)
21
AMIC Technology, Corp.
Package Information
QFN 48L (7 x 7mm) Outline Dimensions
unit: inches/mm
D
D1
Seating Plane
B
A
0.05 C
See Detail B
L
b
Detail B
C
D2
e
See Detail A
Detail A
0.6max
θ
C
C
b
Dimensions in inches
Dimensions in mm
Symbol
Min
Nom
Max
Min
Nom
Max
A
0.031
0.033
0.039
0.80
0.85
1.00
A1
0.000
0.001
0.002
0.00
0.02
0.05
A2
-
0.026
0.039
-
0.65
1.00
A3
-
0.008
-
-
0.20
-
b
0.007
0.009
0.012
0.18
0.23
0.30
D
0.276 BSC
7.00 BSC
D1
0.266 BSC
6.75 BSC
D2
0.089
0.185
0.207
2.25
4.70
5.25
E
0.276 BSC
7.00 BSC
E1
0.266 BSC
6.75 BSC
E2
0.089
0.185
0.207
2.25
4.70
5.25
e
0.020 BSC
0.5 BSC
L
0.012
0.016
0.020
0.30
0.40
0.50
θ
0°
-
12°
0°
-
12°
aaa
-
-
0.010
-
-
0.25
bbb
-
-
0.004
-
-
0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com