Electronic Components Datasheet Search
  English  ▼

X  

STD790A Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD790A
Description  Medium current, high performance, low voltage PNP transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD790A Datasheet(HTML) 1 Page - STMicroelectronics

  STD790A Datasheet HTML 1Page - STMicroelectronics STD790A Datasheet HTML 2Page - STMicroelectronics STD790A Datasheet HTML 3Page - STMicroelectronics STD790A Datasheet HTML 4Page - STMicroelectronics STD790A Datasheet HTML 5Page - STMicroelectronics STD790A Datasheet HTML 6Page - STMicroelectronics STD790A Datasheet HTML 7Page - STMicroelectronics STD790A Datasheet HTML 8Page - STMicroelectronics STD790A Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
June 2008
Rev 3
1/9
9
STD790A
Medium current, high performance, low voltage PNP transistor
Features
Very low collector to emitter saturation voltage
DC current gain, hFE > 100
3 A continuous collector current
40 V breakdown voltage V(BR)CER
Surface mounting DPAK (TO-252) power
package in tape and reel packing
Applications
Power management in portable equipment
Voltage regulation in bias supply circuits
Switching regulator in battery charger
applications
Heavy load driver
Description
The device in manufactured in low voltage PNP
planar technology by using a “Base Island” layout.
The resulting transistor shows exceptional high
gain performance coupled with very low
saturation voltage.
Figure 1.
Internal schematic diagram
DPAK
(TO-252)
1
3
Table 1.
Device summary
Order code
Marking
Package
Packaging
STD790AT4
D790A
DPAK
Tape and reel
www.st.com


Similar Part No. - STD790A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD790A STMICROELECTRONICS-STD790A Datasheet
126Kb / 6P
MEDIUM CURRENT, HIGH PERFORMANCE, LOW VOLTAGE PNP TRANSISTOR
Mar-2003
STD790AT4 STMICROELECTRONICS-STD790AT4 Datasheet
126Kb / 6P
MEDIUM CURRENT, HIGH PERFORMANCE, LOW VOLTAGE PNP TRANSISTOR
Mar-2003
STD790AT4 STMICROELECTRONICS-STD790AT4 Datasheet
203Kb / 10P
Medium Current, High Performance, Low Voltage PNP Transistor
27-Mar-2006
More results

Similar Description - STD790A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN749 STMICROELECTRONICS-STN749 Datasheet
124Kb / 6P
MEDIUM CURRENT, HIGH PERFORMANCE, LOW VOLTAGE PNP TRANSISTOR
Mar-2003
STN790A STMICROELECTRONICS-STN790A Datasheet
125Kb / 6P
MEDIUM CURRENT, HIGH PERFORMANCE, LOW VOLTAGE PNP TRANSISTOR
Mar-2003
STX790A STMICROELECTRONICS-STX790A Datasheet
117Kb / 6P
MEDIUM CURRENT, HIGH PERFORMANCE, LOW VOLTAGE PNP TRANSISTOR
Mar-2003
STD790A STMICROELECTRONICS-STD790A Datasheet
126Kb / 6P
MEDIUM CURRENT, HIGH PERFORMANCE, LOW VOLTAGE PNP TRANSISTOR
Mar-2003
STD790AT4 STMICROELECTRONICS-STD790AT4 Datasheet
203Kb / 10P
Medium Current, High Performance, Low Voltage PNP Transistor
27-Mar-2006
STN790A STMICROELECTRONICS-STN790A_06 Datasheet
199Kb / 10P
Medium Current, High Performance, Low Voltage PNP Transistor
24-Mar-2006
STX790A STMICROELECTRONICS-STX790A_06 Datasheet
218Kb / 11P
Medium Current, High Performance, Low Voltage PNP Transistor
29-Mar-2006
STN790A STMICROELECTRONICS-STN790A_08 Datasheet
183Kb / 9P
Medium current, high performance, low voltage PNP transistor
26-Jun-2008
STX790A STMICROELECTRONICS-STX790A_08 Datasheet
166Kb / 10P
Medium current, high performance, low voltage PNP transistor
25-Jun-2008
STX790A STMICROELECTRONICS-STX790A_09 Datasheet
181Kb / 10P
Medium current,high performance,low voltage PNP transistor
28-Apr-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com