Electronic Components Datasheet Search
  English  ▼

X  

STD790A Datasheet(PDF) 4 Page - STMicroelectronics

Part # STD790A
Description  Medium current, high performance, low voltage PNP transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD790A Datasheet(HTML) 4 Page - STMicroelectronics

  STD790A Datasheet HTML 1Page - STMicroelectronics STD790A Datasheet HTML 2Page - STMicroelectronics STD790A Datasheet HTML 3Page - STMicroelectronics STD790A Datasheet HTML 4Page - STMicroelectronics STD790A Datasheet HTML 5Page - STMicroelectronics STD790A Datasheet HTML 6Page - STMicroelectronics STD790A Datasheet HTML 7Page - STMicroelectronics STD790A Datasheet HTML 8Page - STMicroelectronics STD790A Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Electrical characteristics
STD790A
4/9
2.1
Electrical characteristics (curves)
ft
Transition frequency
IC = -50 mA
VCE = -5 V
f = 50 MHz
100
MHz
td
tr
ts
tf
Resistive load
Delay time
Rise time
Storage time
Fall time
IC = -3 A
VCC = -20 V
IB1 = -IB2 = -60 mA
see Figure 8
180
160
250
80
220
210
300
100
ns
ns
ns
ns
1.
Pulse duration = 300 µs, duty cycle
≤ 1.5%
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Figure 2.
DC current gain
Figure 3.
DC current gain
Figure 4.
Collector-emitter saturation
voltage
Figure 5.
Base-emitter saturation
voltage



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com