Electronic Components Datasheet Search
  English  ▼

X  

NESW021T Datasheet(PDF) 9 Page - NICHIA CORPORATION

Part # NESW021T
Description  TYPE WHITE LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NESW021T Datasheet(HTML) 9 Page - NICHIA CORPORATION

Back Button NESW021T Datasheet HTML 5Page - NICHIA CORPORATION NESW021T Datasheet HTML 6Page - NICHIA CORPORATION NESW021T Datasheet HTML 7Page - NICHIA CORPORATION NESW021T Datasheet HTML 8Page - NICHIA CORPORATION NESW021T Datasheet HTML 9Page - NICHIA CORPORATION NESW021T Datasheet HTML 10Page - NICHIA CORPORATION NESW021T Datasheet HTML 11Page - NICHIA CORPORATION NESW021T Datasheet HTML 12Page - NICHIA CORPORATION NESW021T Datasheet HTML 13Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
100
50
15
10
20
020
60 80 100
40
-60 -40 -20
020
60 80 100
40
-60 -40 -20
5.0
4.6
4.2
3.4
3.0
2.6
3.8
100
50
20
10
5
1
1
5
10 20
100
50
60
80
100
40
020
2.0
1.0
0.5
0.2
2.5
3.0
3.5
4.0
4.5
5.0
010
20
30
50
60
40
Forward Current IFP (mA)
Ambient Temperature vs.
Allowable Forward Current
Ambient Temperature Ta (°C)
Ambient Temperature vs.
Relative Luminosity
Ambient Temperature Ta (°C)
Ambient Temperature vs.
Forward Voltage
Ambient Temperature Ta (°C)
Duty Ratio (%)
Forward Current vs.
Relative Luminosity
Forward Voltage VF (V)
Forward Voltage vs.
Forward Current
Duty Ratio vs.
Allowable Forward Current
Ta=25°C
Ta=25°C
Ta=25°C
IFP=10mA
IFP=10mA
25
20
15
0
5
10
2.5
4.0
3.0
2.5
1.5
1.0
0.5
0
2.0
3.5
CHARACTERISTICS
Model
NESW021
NICHIA CORPORATION Title
No.
050509539821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com