Electronic Components Datasheet Search
  English  ▼

X  

NESW021T Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NESW021T
Description  TYPE WHITE LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NESW021T Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NESW021T Datasheet HTML 1Page - NICHIA CORPORATION NESW021T Datasheet HTML 2Page - NICHIA CORPORATION NESW021T Datasheet HTML 3Page - NICHIA CORPORATION NESW021T Datasheet HTML 4Page - NICHIA CORPORATION NESW021T Datasheet HTML 5Page - NICHIA CORPORATION NESW021T Datasheet HTML 6Page - NICHIA CORPORATION NESW021T Datasheet HTML 7Page - NICHIA CORPORATION NESW021T Datasheet HTML 8Page - NICHIA CORPORATION NESW021T Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
-1-
Nichia STSE-CC5074B
<Cat.No.060530>
1.SPECIFICATIONS
(1) Absolute Maximum Ratings
(Ta=25°C)
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
15
mA
Pulse Forward Current
IFP
50
mA
Allowable Reverse Current
IR
85
mA
Power Dissipation
PD
60
mW
Operating Temperature
Topr
-40 ~ +100
°C
Storage Temperature
Tstg
-40 ~ +100
°C
Soldering Temperature
Tsld
Reflow Soldering : 260°C
for 10sec.
Hand Soldering : 350°C
for 3sec.
IFP Conditions : Pulse Width
10msec. and Duty
1/10
(2) Initial Electrical/Optical Characteristics
(Ta=25°C)
Item
Symbol
Condition
Typ.
Max.
Unit
Forward Voltage
VF
IF=10[mA]
(3.6)
4.0
V
Luminous Intensity
Iv
IF=10[mA]
(600)
-
mcd
x
-
IF=10[mA]
0.31
-
-
Chromaticity Coordinate
y
-
IF=10[mA]
0.32
-
-
Please refer to CIE 1931 chromaticity diagram.
(3) Ranking
(Ta=25°C)
Item
Symbol
Condition
Min.
Max.
Unit
Rank T
Iv
IF=10[mA]
720
1000
mcd
Rank S
Iv
IF=10[mA]
500
720
mcd
Luminous Intensity
Rank R
Iv
IF=10[mA]
360
500
mcd
Luminous Intensity Measurement allowance is ± 10%.
Color Ranks
(IF=10mA,Ta=25°C)
Rank a0
Rank b1
x
0.280
0.264
0.283
0.296
x
0.287
0.283
0.330
0.330
y
0.248
0.267
0.305
0.276
y
0.295
0.305
0.360
0.339
Rank b2
Rank c0
x
0.296
0.287
0.330
0.330
x
0.330
0.330
0.361
0.356
y
0.276
0.295
0.339
0.318
y
0.318
0.360
0.385
0.351
Color Coordinates Measurement allowance is ± 0.01.
One delivery will include up to two consecutive color ranks and three luminous intensity ranks of the products.
The quantity-ratio of the ranks is decided by Nichia.
<
=
<
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com