Electronic Components Datasheet Search
  English  ▼

X  

NSSB064 Datasheet(PDF) 10 Page - NICHIA CORPORATION

Part # NSSB064
Description  SPECIFICATIONS FOR NICHIA CHIP TYPE BLUE LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSB064 Datasheet(HTML) 10 Page - NICHIA CORPORATION

Back Button NSSB064 Datasheet HTML 6Page - NICHIA CORPORATION NSSB064 Datasheet HTML 7Page - NICHIA CORPORATION NSSB064 Datasheet HTML 8Page - NICHIA CORPORATION NSSB064 Datasheet HTML 9Page - NICHIA CORPORATION NSSB064 Datasheet HTML 10Page - NICHIA CORPORATION NSSB064 Datasheet HTML 11Page - NICHIA CORPORATION NSSB064 Datasheet HTML 12Page - NICHIA CORPORATION NSSB064 Datasheet HTML 13Page - NICHIA CORPORATION NSSB064 Datasheet HTML 14Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Forward Voltage VF (V)
Forward Voltage vs.
Forward Current
Ta=25°C
Forward Current IFP (mA)
Forward Current vs.
Relative Luminosity
Ta=25°C
Ambient Temperature vs.
Relative Luminosity
Ambient Temperature Ta (°C)
2.0
1.0
0.5
0.2
IFP=30mA
Temperature T (°C)
Ambient Temperature vs.
Allowable Forward Current
Ta=Ambient Temperature
Ts=Solder Temperature
(Cathode Side)
Ambient Temperature vs.
Forward Voltage
Ambient Temperature Ta (°C)
Duty Ratio (%)
Duty Ratio vs.
Allowable Forward Current
Ta=25°C
2.0
2.5
3.0
3.5
4.5
5.0
4.0
200
100
50
20
10
5
1
30
60
80
120
40
020
100
2.0
1.0
0.5
0.2
030
90
120
60
-60 -30
5.0
4.2
3.8
3.0
2.6
2.2
3.4
4.6
030
120
60
-60 -30
90
0
204060
100 120
80
200
100
50
20
10
35
1
5
10
20
100
50
3.0
2.0
0.5
0
1.0
1.5
2.5
IFP=30mA
50
30
20
0
10
40
35
Model
NSSB064
NICHIA CORPORATION Title
No.
080510816231
CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com